Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 1 Page - Linear Technology

  LTC3703 Datasheet HTML 1Page - Linear Technology LTC3703 Datasheet HTML 2Page - Linear Technology LTC3703 Datasheet HTML 3Page - Linear Technology LTC3703 Datasheet HTML 4Page - Linear Technology LTC3703 Datasheet HTML 5Page - Linear Technology LTC3703 Datasheet HTML 6Page - Linear Technology LTC3703 Datasheet HTML 7Page - Linear Technology LTC3703 Datasheet HTML 8Page - Linear Technology LTC3703 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3703
1
3703f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
High Voltage Operation: Up to 100V
s
Large 1
Ω Gate Drivers
s
No Current Sense Resistor Required
s
Step-Up or Step-Down DC/DC Converter
s
Dual N-Channel MOSFET Synchronous Drive
s
Excellent Transient Response and DC Line Regulation
s
Programmable Constant Frequency: 100kHz to
600kHz
s
±1% Reference Accuracy
s
Synchronizable up to 600kHz
s
Selectable Pulse Skip Mode Operation
s
Low Shutdown Current: 50
µA Typ
s
Programmable Current Limit
s
Undervoltage Lockout
s
Programmable Soft-Start
s
16-Pin Narrow SSOP and 28-Pin SSOP Packages
The LTC
®3703 is a synchronous step-down switching
regulator controller that can directly step-down voltages
from up to 100V, making it ideal for telecom and automo-
tive applications. The LTC3703 drives external N-channel
MOSFETs using a constant frequency (up to 600kHz),
voltage mode architecture. The external component count
has been minimized, providing a compact overall solution
footprint.
A precise internal reference provides 1% DC accuracy. A
high bandwidth error amplifier and patented line feed
forward compensation provide very fast line and load
transient response. Strong 1
Ω gate drivers allow the
LTC3703 to drive multiple MOSFETs for higher current
applications. The operating frequency is user program-
mable from 100kHz to 600kHz and can also be synchro-
nized to an external clock for noise-sensitive applications.
Current limit is programmable with an external resistor
and utilizes the voltage drop across the synchronous
MOSFET to eliminate the need for a current sense resistor.
Soft- start is provided by an external capacitor. Pulling the
soft-start pin low shuts down the LTC3703, reducing
supply current to 50
µA.
s
48V Telecom and Base Station Power Supplies
s
Networking Equipment, Servers
s
Automotive and Industrial Control
100V Synchronous
Switching Regulator
Controller
Efficiency vs Load Current
Figure 1. High Efficiency High Voltage Step-Down Converter
LTC3703
MODE/SYNC
FSET
COMP
FB
IMAX
INV
RUN/SS
GND
VIN
BOOST
TG
SW
VCC
DRVCC
BG
BGRTN
22
µF
×2
3300pF
1500pF
22k
330
Ω
113k
1%
8.06k
1%
10
Ω
15k
30k
0.1
µF
VIN
15V TO 100V
Si7456DP
8
µH
MBR1100
VOUT
12V
5A
220
µF
25V
×2
BAS21
VCC
9.3V TO 15V
0.1
µF
3703 F01
10
µF
1
µF
+
+
+
Si7456DP
22
µF
25V
15pF
LOAD (A)
0
100
95
90
85
80
4
3703 F01b
1
2
3
5
VIN = 25V
VIN = 50V
VIN = 75V


Similar Part No. - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
312Kb / 26P
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3703 LINER-LTC3703 Datasheet
205Kb / 24P
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
logo
Linear Integrated Syste...
LTC3703 LINEAR-LTC3703 Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
LTC3703 LINEAR-LTC3703 Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703 LINER-LTC3703 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3703

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
100V Current Mode Synchronous Switching Regulator Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
100V Synchronous Switching Regulator
logo
Linear Technology
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
100V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com