Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3703
Description  100V Synchronous Switching Regulator Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3703 Datasheet HTML 22Page - Linear Technology LTC3703 Datasheet HTML 23Page - Linear Technology LTC3703 Datasheet HTML 24Page - Linear Technology LTC3703 Datasheet HTML 25Page - Linear Technology LTC3703 Datasheet HTML 26Page - Linear Technology LTC3703 Datasheet HTML 27Page - Linear Technology LTC3703 Datasheet HTML 28Page - Linear Technology LTC3703 Datasheet HTML 29Page - Linear Technology LTC3703 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC3703
26
3703f
higher input voltages (typically 20V or greater). Transition
losses can be estimated from the second term of the PMAIN
equation found in the Power MOSFET Selection section.
The transition losses can become very significant at the
high end of the LTC3703 operating voltage range. To
improve efficiency, one may consider lowering the fre-
quency and/or using MOSFETs with lower CRSS at the
expense of higher RDS(ON).
Other losses including CIN and COUT ESR dissipative
losses, Schottky conduction losses during dead-time, and
inductor core losses generally account for less than 2%
total additional loss.
Transient Response
Due to the high gain error amplifier and line feedforward
compensation of the LTC3703, the output accuracy due to
DC variations in input voltage and output load current will
be almost negligible. For the few cycles following a load
transient, however, the output deviation may be larger
while the feedback loop is responding. Consider a typical
48V input to 5V output application circuit, subjected to a
1A to 5A load transient. Initially, the loop is in regulation
and the DC current in the output capacitor is zero. Sud-
denly, an extra 4A (= 5A-1A) flows out of the output
capacitor while the inductor is still supplying only 1A. This
sudden change will generate a (4A) • (RESR) voltage step
at the output; with a typical 0.015
Ω output capacitor ESR,
this is a 60mV step at the output.
The feedback loop will respond and will move at the band-
width allowed by the external compensation network
towards a new duty cycle. If the unity gain crossover fre-
quency is set to 50kHz, the COMP pin will get to 60% of the
way to 90% duty cycle in 3
µs. Now the inductor is seeing
43V across itself for a large portion of the cycle and its
current will increase from 1A at a rate set by di/dt = V/L. If
the inductor value is 10
µH, the peak di/dt will be 43V/10µH
or 4.3A/
µs. Sometime in the next few micro-seconds after
the switch cycle begins, the inductor current will have
risen to the 5A level of the load current and the output
voltage will stop dropping. At this point, the inductor cur-
rent will rise somewhat above the level of the output cur-
rent to replenish the charge lost from the output capacitor
during the load transient. With a properly compensated
loop, the entire recovery time will be inside of 10
µs.
Most loads care only about the maximum deviation from
ideal, which occurs somewhere in the first two cycles after
the load step hits. During this time, the output capacitor
does all the work until the inductor and control loop regain
control. The initial drop (or rise if the load steps down) is
entirely controlled by the ESR of the capacitor and amounts
to most of the total voltage drop. To minimize this drop,
choose a low ESR capacitor and/or parallel multiple ca-
pacitors at the output. The capacitance value accounts for
the rest of the voltage drop until the inductor current rises.
With most output capacitors, several devices paralleled to
get the ESR down will have so much capacitance that this
drop term is negligible. Ceramic capacitors are an excep-
tion; a small ceramic capacitor can have suitably low ESR
with relatively small values of capacitance, making this
second drop term more significant.
Optimizing Loop Compensation
Loop compensation has a fundamental impact on tran-
sient recovery time, the time it takes the LTC3703 to
recover after the output voltage has dropped due to a load
step. Optimizing loop compensation entails maintaining
the highest possible loop bandwidth while ensuring loop
stability. The feedback component selection section de-
scribes in detail the techniques used to design an opti-
mized Type 3 feedback loop, appropriate for most LTC3703
systems.
Measurement Techniques
Measuring transient response presents a challenge in two
respects: obtaining an accurate measurement and gener-
ating a suitable transient to test the circuit. Output mea-
surements should be taken with a scope probe directly
across the output capacitor. Proper high frequency prob-
ing techniques should be used. In particular, don’t use the
6" ground lead that comes with the probe! Use an adapter
that fits on the tip of the probe and has a short ground clip
to ensure that inductance in the ground path doesn’t cause
a bigger spike than the transient signal being measured.
Conveniently, the typical probe tip ground clip is spaced
just right to span the leads of a typical output capacitor.
Now that we know how to measure the signal, we need to
have something to measure. The ideal situation is to use
the actual load for the test and switch it on and off while
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com