Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500CV Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 9Page - Exar Corporation XRT4500CV Datasheet HTML 10Page - Exar Corporation XRT4500CV Datasheet HTML 11Page - Exar Corporation XRT4500CV Datasheet HTML 12Page - Exar Corporation XRT4500CV Datasheet HTML 13Page - Exar Corporation XRT4500CV Datasheet HTML 14Page - Exar Corporation XRT4500CV Datasheet HTML 15Page - Exar Corporation XRT4500CV Datasheet HTML 16Page - Exar Corporation XRT4500CV Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
10
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
25
RX8I
RIA
RLA
I
Receiver 8 – Line Input Pin:
This input pin accepts either a V.10 or V.28 type signal from the
line. Receiver 8 will then convert this signal into a “CMOS” level
(digital) signal and output this signal to the Terminal Equipment
via the RX8D output pin (Pin 23). The exact function of this out-
put pin depends upon whether the XRT4500 device is operating
in the DTE or DCE mode.
DTE Mode – The RI line signal
DCE Mode – The RL line signal
Notes:
1. For some DTE applications, this input pin would accept
the “RI” (Ring Indicator) line signal (in either the V.10 or
V.28 format) form the DCE Terminal Equipment.
2. For some DCE applications, this input pin would accept the
“RL” (Remote Loop-back”) line signal (in either the V.10 or
the V.28 format) from the DTE Terminal Equipment.
26
VSS
-6V Power: This supply voltage is internally generated by the
Switching Regulator Circuit within the XRT4500. The -6V is used
by receivers 4, 5, 6, 7 and 8. If a -6V supply is available, then the
external components can be eliminated.
27
TR7
LLA
LLA
I/0
Transceiver # 7 I/O Pins
The exact function of this pin depends upon whether the
XRT4500 is operating in the DCE or DTE Modes.
DTE Mode – Transmitter 7 – Single Ended Data Output to Line
Transceiver 7 accepts a CMOS level signal via the “TX76D” input
pin (pin 28). This digital data is converted into either a V.10 or
V.28 electrical signal; which is then output (via this pin), on the
line to the Remote Terminal Equipment.
DCE Mode – Receiver 7 – Single Ended Data Input from Line
This input pin accepts the line signal, from the Remote Terminal
Equipment, in a “single-ended” manner. This line signal is con-
verted into a CMOS level signal and is output (to the local Termi-
nal Equipment) via the “RX67D” output pin (Pin 32).
28
TX76D
D_LL
D_DCD
I
Digital Input – Refer to Mode Control Tables, Table 3 & Table 4 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com