Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500CV Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 17Page - Exar Corporation XRT4500CV Datasheet HTML 18Page - Exar Corporation XRT4500CV Datasheet HTML 19Page - Exar Corporation XRT4500CV Datasheet HTML 20Page - Exar Corporation XRT4500CV Datasheet HTML 21Page - Exar Corporation XRT4500CV Datasheet HTML 22Page - Exar Corporation XRT4500CV Datasheet HTML 23Page - Exar Corporation XRT4500CV Datasheet HTML 24Page - Exar Corporation XRT4500CV Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
18
PIN DESCRIPTIONS (CONT.)
PIN
#
Signal
DTE
MODE
DCE
MODE
TYPE
FUNCTION
53
OSCEN
I
Test Oscillator Enable – Active Low;
This active-low input pin permits the user to enable or disable the
“Internal Oscillator” within the XRT4500. If the user enables this fea-
ture then the XRT4500 will begin generating a clock signal via both
the RX2D and RX3D output pins. The frequency of this clock signal
ranges between 32kHz and 64kHz.
This clock signal can be used to support “Stand-Alone DTE Diag-
nostic” Testing.
Setting this input to “0” enables the “Internal Oscillator”.
Setting this input to “1” disables the “Internal Oscillator”.
Note: The “Internal Oscillator” is only available if the XRT4500 is
operating in the DTE Mode.
If LP = “0” The Clock Signal (32 - 64kHz) is available on Rx3D.
If LP = “0” and EC = “0” the clock signal is available on RX2D.
NOTE: This input pin contains an internal 20k
Ω pull-up to V
DD.
54
CLKINV
I
Invert Clock Input Pin – This ‘Active -Low’ input pin permits the
user to either enable or disable the ‘Clock/Inversion’ feature. The
exact manifestation of the ‘Clock Inversion’ feature depends upon
whether the XRT4500 is operating in the ‘DCE’ or ‘DTE’ Mode.
If the XRT4500 is operating in the DTE Mode, then the RX3D output
signal (which is receiving the TXC signal) will be inverted before it is
outputted to the terminal equipment.
If the XRT4500 is operating in the DCE Mode, then the TX3D input
signal (which is transmitting the TXC signal) will be inverted before it
converted into the analog format and is output to the line.
Setting this input pin ‘Low’ enables the ‘Clock Inversion’ feature.
Conversely, setting this input pin ‘High’ disables this feature.
NOTE: This input pin contains an internal 20k
Ω pull-up to V
DD.
55
DTINV
I
Invert Data – Active Low; Logic 0: Data Inverted.
Logic 1: Data not Inverted. Internal 20K
Ω pull-up V
DD.
56
VSS_T123
-6V Power Supply Signal: This supply voltage is internally gener-
ated by the Switching Regulator Circuit within the XRT4500.
57
GND
Digital Ground: for transmitters 1, 2, and 3
58
VDD_T123
Analog VDD: for transmitters 1, 2, and 3
59
GND_T12
Analog Ground: Transmitters 1 and 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com