Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500CV Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 34Page - Exar Corporation XRT4500CV Datasheet HTML 35Page - Exar Corporation XRT4500CV Datasheet HTML 36Page - Exar Corporation XRT4500CV Datasheet HTML 37Page - Exar Corporation XRT4500CV Datasheet HTML 38Page - Exar Corporation XRT4500CV Datasheet HTML 39Page - Exar Corporation XRT4500CV Datasheet HTML 40Page - Exar Corporation XRT4500CV Datasheet HTML 41Page - Exar Corporation XRT4500CV Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
35
NOTES:
1. ± 7 V on Receivers 1-6, not applicable for Receiv-
ers 7-8
2. 100 to 150 Ohms terminated.
FIGURE 10. V.10 (RS-423) V.28 (RS-232) DRIVER PROPAGATION DELAYS
FIGURE 11. V.10, V.28 RECEIVER PROPAGATION DELAYS
V1 = 1.8V for V.28, 0.1V for V.10
V2 = 1.0V for V.28. -0.1V for V.10
TABLE 1: RECEIVER SPECIFICATIONS
SINGLE-ENDED OR
DIFFERENTIAL
V.35
DIFFERENTIAL
V.11
DIFFERENTIAL
V.10
SINGLE-ENDED
RS232
SINGLE-ENDED
Max Signal Level
± 660 mV
± 6 V
± 6 V
± 15 V
Min Signal Level
± 260 mV
± 300 mV
± 300 mV
± 3 V
Common-Mode Voltage
± 2 V
± 7 V
Note 1
N/A
Max Signal Peak Operation
± 2.66 V
± 10 V
± 10 V
± 15 V
Max Signal Peak no Damage
± 10 V
± 12 V
± 12 V
± 25 V
Rin Differential
100
Ω±10%
Note 2
N/A
N/A
Rin Common-Mode
150
Ω±15%
N/A
N/A
N/A
DC Rin Each Input to
Ground
> 175
Ω
> 8K
Ω
> 8K
Ω
3K
Ω < DC Rin < 7 K Ω
Clock Frequency
20 MHz
20MHz
120KHz
256KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com