| Electronic Components Datasheet Search |
|
XRT4500CV Datasheet(PDF) 49 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT4500CV Datasheet(HTML) 49 Page - Exar Corporation |
|
49 / 99 page ![]() XRT4500 áç áç áç áç MULTIPROTOCOL SERIAL NETWORK INTERFACE IC REV. 1.0.7 46 The DTE Terminal The DTE Terminal is responsible for sourcing/gener- ating all of the following signals. • TXD - Transmit Data • TXCE (or SCTE) - Transmit Clock Echo • DTR - Data Terminal Ready • RTS - Request to Send • LL - Local Loop-back Indicator • RL - Remote Loop-back Indicator Further, the DTE Terminal is responsible for receiv- ing/terminating all of the following signals. • RXD - Receive Data • TXC - Transmit Clock • RXC - Receive Clock • DSR - Data Set Ready • DCD - Data Carrier Detect • CTS - Clear-to-Send • RI (Ring Indicator) • TM (Test Mode Indicator). Because of this, whenever the XRT4500 is configured to operate in the “DTE” Mode, then the following con- figuration conditions are “TRUE”. • Two “high-speed” Transmitters are enabled, and • Three “high-speed” Receivers are enabled. • Four “low-speed” Transmitters are enabled, and • Four “low-speed” Receivers are enabled. Other Comments about DCE and DTE Equipment Whenever DCE and DTE Equipment are interfaced to each other, the DCE Equipment is typically the source of all timing signals. The DTE Equipment will typically function as a “Clock Slave”. 1.3.3 The LP - Loop-Back Enable/Disable Select Pin As mentioned earlier, the XRT4500 can be configured to operate in the loop-back mode. Setting the “LP” in- put pin “high” disables the loop-back mode (within the XRT4500). Conversely, setting this input “low” config- ures the XRT4500 to operate in the “TXD/RXD” loop- back mode. A detailed description of the “TXD/RXD” loop-back Mode is presented below. Behavior of DTE/DCE Mode Devices, when the Loop-Back Mode is Disabled Figure 17 presents an illustration of a DTE and DCE Terminal interfaced to each other when no XRT4500 Loop-Back Mode has een configured. FIGURE 17. ILLUSTRATION OF BOTH THE DTE AND DCE MODE XRT4500 OPERATING, WHEN THE LOOP-BACK MODE IS DISABLED DTE (#2) SCC (L) XRT4500 XRT4500 RX1 TX1 RX2 TX2 RX3 TX3 RX2 TX2 RX1 TX1 RXD RXC TXC SCTE_IN TXD_IN TXD SCTE TXC_IN RXC_IN RXD_IN 60 67 73 74 1 78 79 77 76 70 71 64 65 63 62 1 74 68 67 60 63 62 64 65 70 71 77 76 78 79 TXD TXC RXC RXD SCC (R) DTE (#1)* SCTE * Indicates scenario # from Table 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |