Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500CV Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 28Page - Exar Corporation XRT4500CV Datasheet HTML 29Page - Exar Corporation XRT4500CV Datasheet HTML 30Page - Exar Corporation XRT4500CV Datasheet HTML 31Page - Exar Corporation XRT4500CV Datasheet HTML 32Page - Exar Corporation XRT4500CV Datasheet HTML 33Page - Exar Corporation XRT4500CV Datasheet HTML 34Page - Exar Corporation XRT4500CV Datasheet HTML 35Page - Exar Corporation XRT4500CV Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
áç
áç
áç
áç
XRT4500
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
29
POWER SUPPLY CONSUMPTION
When external power supplies are available, the
switching regulator and charge pumps may be dis-
abled to save on component cost and current con-
sumption from the +5V supply.
The table below shows the typical currents the +5V,
+12V and -6V supplies require for each of the interface
modes.
The following two charts show how the IDD current
varies with temperature and voltage when only a sin-
gle 5V supply is used in the EIA-530 (V.11) mode.
This mode has the highest current consumption.
IDD
IPP
ISS
MODE
INTERFACE/CONDITIONS
SUPPLY
+5V
+12V
-6V
UNIT
M2
M1
M0
27
17
40
mA
0
0
0
V.10, No Load, No Signal
75
17
-160
mA
0
0
0
V.10, Full Load with Signal
27
15
-35
mA
0
0
1
EIA-530A, No Load (V.11)
230
15
-130
mA
0
0
1
EIA-530A, Full Load (V.11)
27
15
-35
mA
0
1
0
EIA-530 (V.36) No Load
27
15
-35
mA
0
1
1
X.21
65
15
-70
mA
1
0
0
V.35, No Load on V.28 drivers
68
45
-120
mA
1
0
0
V.35, Full Load on V.28 drivers
27
15
-35
mA
1
0
1
Reserved
20
30
-45
mA
1
1
0
RS-232, No Load
26
65
-55
mA
1
1
0
RS-232, Full Load
FIGURE 1. SUPPLY CURRENT VERSUS TEMPERATURE AND SUPPLY VOLTAGE, WITHOUT LOAD OR
SIGNAL IN EIA-530 (V.11) MODE
Supply Current, No Signal, No Load, All CH
140
142
144
146
148
150
152
154
- 20
0
2550
7085
Temperature ( C)
4.75V
5.00V
5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com