Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4500CV Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT4500CV
Description  MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4500CV Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT4500CV Datasheet HTML 59Page - Exar Corporation XRT4500CV Datasheet HTML 60Page - Exar Corporation XRT4500CV Datasheet HTML 61Page - Exar Corporation XRT4500CV Datasheet HTML 62Page - Exar Corporation XRT4500CV Datasheet HTML 63Page - Exar Corporation XRT4500CV Datasheet HTML 64Page - Exar Corporation XRT4500CV Datasheet HTML 65Page - Exar Corporation XRT4500CV Datasheet HTML 66Page - Exar Corporation XRT4500CV Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
XRT4500
áç
áç
áç
áç
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
REV. 1.0.7
60
If the user enables the Internal Oscillator, within the
XRT4500, then the XRT4500 will output between a
32kHz and a 64kHz clock signal via the RX2D and
RX3D signals. When the XRT4500 is interfaced to the
DTE SCC, this translates into the XRT4500 generating
the timing signals for “TXC” and the “RXC” input signals.
As a consequence, the DTE SCC is provided with all of
the requisite timing signals that it would normally have, if
it were interfaced to a DCE Terminal. This feature per-
mits the user to implement a wide variety of diagnostic
programs for DTE Equipment stand-alone testing.
NOTE: The Internal Oscillator feature is only available if the
XRT4500 has been configured to operate in the DTE Mode.
1.3.10 Glitch Filters
Occasional extraneous glitches on control/handshake
signal inputs such as CTS, RTS, DTR and DSR can
have damaging effects on the integrity of a connection.
The XRT4500 is equipped with lowpass filters on the
input of each of the receivers for the control and
handshake signals. These filters eliminate glitches
which are narrower than 10µs. The user may disable
these filters by setting EN_FLTR to logic 0.
1.3.11 Data Inversion
Similar to TXC, there is a provision in the XRT4500 to
invert the TXD and RXD signals. Once the Setting
the DTINV* input to logic 0 enables an inverter at the
output of RX1 and input of TX1.
1.3.12 Data Interlude
Similar to TXC, there is a provision in the XRT4500 to
invert the TXD and RXD signals. Once the Setting the
DTINV* input to logic 0 enables an inverter at the out-
put of RX1 and input of TX1.
2.0
RECEIVER AND TRANSMITTER
SPECIFICATIONS
Table 3 and Table 4, which are for the XRT4500 re-
ceiver and transmitter sections respectively, summa-
rize the electrical requirements for V.35, V.11, V.10,
and RS232 interfaces. These tables provide virtually
all of the electrical information necessary to describe
these 4 interfaces in a concise form.
3.0
V.10\V.28 OUTPUT PULSE RISE AND FALL
TIME CONTROL
SLEW_CNTL (pin 47) is an analog output that con-
trols transmitter pulse rise and fall time for the V.10
and V.28 modes. Connecting a resistor, RSLEW, hav-
ing a value between 0 and 200 k
Ω from this pin to
ground controls the rise/fall times for V.10 and the
slew rate for V.28 as shown in Figure 34 and
Figure 35 respectively.
FIGURE 33. ILLUSTRATION OF THE INTERNAL OSCILLATORS WITHIN THE XRT4500
SCC (L)
XRT4500
RX1
RX2
RX3
TX2
TX1
TXD
SCTE
TXC_IN
RXC_IN
RXD_IN
74
73
TXD
SCTE
TXC
RXC
RXD
OSC
OSC
OSC
OSC
DTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com