Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M182 Datasheet(PDF) 44 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 40Page - SMSC Corporation LPC47M182 Datasheet HTML 41Page - SMSC Corporation LPC47M182 Datasheet HTML 42Page - SMSC Corporation LPC47M182 Datasheet HTML 43Page - SMSC Corporation LPC47M182 Datasheet HTML 44Page - SMSC Corporation LPC47M182 Datasheet HTML 45Page - SMSC Corporation LPC47M182 Datasheet HTML 46Page - SMSC Corporation LPC47M182 Datasheet HTML 47Page - SMSC Corporation LPC47M182 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
44
SMSC LPC47M182
DATASHEET
6.4.6
TAPE DRIVE REGISTER (TDR)
Address 3F3 READ/WRITE
The Tape Drive Register (TDR) is included for 82077 software compatibility and allows the user to assign
tape support to a particular drive during initialization. Any future references to that drive automatically
invokes tape support. The TDR Tape Select bits TDR.[1:0] determine the tape drive number. Table 6.5
illustrates the Tape Select Bit encoding. Note that drive 0 is the boot device and cannot be assigned tape
support.
The remaining Tape Drive Register bits TDR.[7:2] are tristated when read.
The TDR is
unaffected by a software reset.
Table 6.5 - Tape Select Bits
TAPE SEL1
(TDR.1)
TAPE SEL0
(TDR.0)
DRIVE
SELECTED
0
0
1
1
0
1
0
1
None
1
2
3
Normal Floppy Mode
Normal mode.Register 3F3 contains only bits 0 and 1. When this register is read, bits 2 – 7 are ‘0’.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3
0
0
0
0
0
0
tape sel1
tape sel0
Enhanced Floppy Mode 2 (OS2)
Register 3F3 for Enhanced Floppy Mode 2 operation.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3 Reserved Reserved
Drive Type ID
Floppy Boot Drive
tape sel1
tape sel0
Table 6.6 - Drive Type ID
DIGITAL OUTPUT REGISTER
REGISTER 3F3 – DRIVE TYPE ID
Bit 1
Bit 0
Bit 5
Bit 4
0
0
L0-CRF2 – B1
L0-CRF2 – B0
0
1
L0-CRF2 – B3
L0-CRF2 – B2
1
0
L0-CRF2 – B5
L0-CRF2 – B4
1
1
L0-CRF2 – B7
L0-CRF2 – B6
Note:
L0-CRF2-Bx = FDC Logical Device, Configuration Register F2, Bit x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com