Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M182 Datasheet(PDF) 69 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 69 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 65Page - SMSC Corporation LPC47M182 Datasheet HTML 66Page - SMSC Corporation LPC47M182 Datasheet HTML 67Page - SMSC Corporation LPC47M182 Datasheet HTML 68Page - SMSC Corporation LPC47M182 Datasheet HTML 69Page - SMSC Corporation LPC47M182 Datasheet HTML 70Page - SMSC Corporation LPC47M182 Datasheet HTML 71Page - SMSC Corporation LPC47M182 Datasheet HTML 72Page - SMSC Corporation LPC47M182 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
69
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Table 6.23 - Verify Command Result Phase Table
MT
EC
SC/EOT VALUE
TERMINATION RESULT
0
0
SC = DTL
EOT <= # Sectors Per Side
Success Termination
Result Phase Valid
0
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
0
1
SC <= # Sectors Remaining AND
EOT <= # Sectors Per Side
Successful Termination
Result Phase Valid
0
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
0
SC = DTL
EOT <= # Sectors Per Side
Successful Termination
Result Phase Valid
1
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
1
SC <= # Sectors Remaining AND
EOT <= # Sectors Per Side
Successful Termination
Result Phase Valid
1
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
Note:
If MT is set to “1” and the SC value is greater than the number of remaining formatted sectors on Side 0,
verifying will continue on Side 1 of the disk.
6.17
Format A Track
The Format command allows an entire track to be formatted. After a pulse from the nINDEX pin is
detected, the FDC starts writing data on the disk including gaps, address marks, ID fields, and data fields
per the IBM System 34 or 3740 format (MFM or FM respectively). The particular values that will be written
to the gap and data field are controlled by the values programmed into N, SC, GPL, and D which are
specified by the host during the command phase. The data field of the sector is filled with the data byte
specified by D. The ID field for each sector is supplied by the host; that is, four data bytes per sector are
needed by the FDC for C, H, R, and N (cylinder, head, sector number and sector size respectively).
After formatting each sector, the host must send new values for C, H, R and N to the FDC for the next
sector on the track. The R value (sector number) is the only value that must be changed by the host after
each sector is formatted. This allows the disk to be formatted with nonsequential sector addresses
(interleaving). This incrementing and formatting continues for the whole track until the FDC encounters a
pulse on the nINDEX pin again and it terminates the command.
Table 6.24 contains typical values for gap fields that are dependent upon the size of the sector and the
number of sectors on each track. Actual values can vary due to drive electronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com