Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M182 Datasheet(PDF) 67 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 67 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 63Page - SMSC Corporation LPC47M182 Datasheet HTML 64Page - SMSC Corporation LPC47M182 Datasheet HTML 65Page - SMSC Corporation LPC47M182 Datasheet HTML 66Page - SMSC Corporation LPC47M182 Datasheet HTML 67Page - SMSC Corporation LPC47M182 Datasheet HTML 68Page - SMSC Corporation LPC47M182 Datasheet HTML 69Page - SMSC Corporation LPC47M182 Datasheet HTML 70Page - SMSC Corporation LPC47M182 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
67
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
Table 6.21 - Skip Bit vs. Read Deleted Data Command
RESULTS
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION
OF RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
No
Yes
Yes
No
Yes
No
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination.
Sector not read
(“skipped”).
Normal
termination.
6.13
Read A Track
This command is similar to the Read Data command except that the entire data field is read continuously
from each of the sectors of a track. Immediately after encountering a pulse on the nINDEX pin, the FDC
starts to read all data fields on the track as continuous blocks of data without regard to logical sector
numbers. If the FDC finds an error in the ID or DATA CRC check bytes, it continues to read data from the
track and sets the appropriate error bits at the end of the command.
The FDC compares the ID
information read from each sector with the specified value in the command and sets the ND flag of Status
Register 1 to a “1” if there no comparison. Multi-track or skip operations are not allowed with this
command. The MT and SK bits (bits D7 and D5 of the first command byte respectively) should always be
set to “0”.
This command terminates when the EOT specified number of sectors has not been read. If the FDC does
not find an ID Address Mark on the diskette after the second occurrence of a pulse on the nINDEX pin,
then it sets the IC code in Status Register 0 to “01” (abnormal termination), sets the MA bit in Status
Register 1 to “1”, and terminates the command.
Table 6.22 - Result Phase Table
MT
HEAD
FINAL SECTOR
TRANSFERRED TO
ID INFORMATION AT RESULT PHASE
HOST
C
H
R
N
0
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
NC
01
NC
1
0
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
NC
LSB
01
NC
1
Less than EOT
NC
NC
R + 1
NC
Equal to EOT
C + 1
LSB
01
NC
NC: No Change, the same value as the one at the beginning of command execution.
LSB: Least Significant Bit, the LSB of H is complemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com