Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M182 Datasheet(PDF) 75 Page - SMSC Corporation

Part # LPC47M182
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 75 Page - SMSC Corporation

Back Button LPC47M182 Datasheet HTML 71Page - SMSC Corporation LPC47M182 Datasheet HTML 72Page - SMSC Corporation LPC47M182 Datasheet HTML 73Page - SMSC Corporation LPC47M182 Datasheet HTML 74Page - SMSC Corporation LPC47M182 Datasheet HTML 75Page - SMSC Corporation LPC47M182 Datasheet HTML 76Page - SMSC Corporation LPC47M182 Datasheet HTML 77Page - SMSC Corporation LPC47M182 Datasheet HTML 78Page - SMSC Corporation LPC47M182 Datasheet HTML 79Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 223 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC LPC47M182
75
Revision 1.8 SMSC/Non-SMSC Register Sets (02-24-05)
DATASHEET
responsibility not to issue a new track position that will exceed the maximum track that is present in the
extended area.
To return to the standard floppy range (0-255) of tracks, a Relative Seek should be issued to cross the
track 255 boundary.
A Relative Seek can be used instead of the normal Seek, but the host is required to calculate the
difference between the current head location and the new (target) head location. This may require the
host to issue a Read ID command to ensure that the head is physically on the track that software assumes
it to be. Different FDC commands will return different cylinder results which may be difficult to keep track
of with software without the Read ID command.
6.25
Perpendicular Mode
The Perpendicular Mode command should be issued prior to executing Read/Write/Format commands that
access a disk drive with perpendicular recording capability. With this command, the length of the Gap2
field and VCO enable timing can be altered to accommodate the unique requirements of these drives.
Table 6.27 describes the effects of the WGATE and GAP bits for the Perpendicular Mode command.
Upon a reset, the FDC will default to the conventional mode (WGATE = 0, GAP = 0).
Selection of the 500 Kbps and 1 Mbps perpendicular modes is independent of the actual data rate
selected in the Data Rate Select Register. The user must ensure that these two data rates remain
consistent.
The Gap2 and VCO timing requirements for perpendicular recording type drives are dictated by the design
of the read/write head. In the design of this head, a pre-erase head precedes the normal read/write head
by a distance of 200 micrometers. This works out to about 38 bytes at a 1 Mbps recording density.
Whenever the write head is enabled by the Write Gate signal, the pre-erase head is also activated at the
same time. Thus, when the write head is initially turned on, flux transitions recorded on the media for the
first 38 bytes will not be preconditioned with the pre-erase head since it has not yet been activated. To
accommodate this head activation and deactivation time, the Gap2 field is expanded to a length of 41
bytes. The Format Fields table illustrates the change in the Gap2 field size for the perpendicular format.
On the read back by the FDC, the controller must begin synchronization at the beginning of the sync field.
For the conventional mode, the internal PLL VCO is enabled (VCOEN) approximately 24 bytes from the
start of the Gap2 field. But, when the controller operates in the 1 Mbps perpendicular mode (WGATE = 1,
GAP = 1), VCOEN goes active after 43 bytes to accommodate the increased Gap2 field size. For both
cases, and approximate two-byte cushion is maintained from the beginning of the sync field for the
purposes of avoiding write splices in the presence of motor speed variation.
For the Write Data case, the FDC activates Write Gate at the beginning of the sync field under the
conventional mode. The controller then writes a new sync field, data address mark, data field, and CRC.
With the pre-erase head of the perpendicular drive, the write head must be activated in the Gap2 field to
insure a proper write of the new sync field. For the 1 Mbps perpendicular mode (WGATE = 1, GAP = 1),
38 bytes will be written in the Gap2 space. Since the bit density is proportional to the data rate, 19 bytes
will be written in the Gap2 field for the 500 Kbps perpendicular mode (WGATE = 1, GAP =0).
It should be noted that none of the alterations in Gap2 size, VCO timing, or Write Gate timing affect normal
program flow. The information provided here is just for background purposes and is not needed for normal
operation. Once the Perpendicular Mode command is invoked, FDC software behavior from the user
standpoint is unchanged.
The perpendicular mode command is enhanced to allow specific drives to be designated Perpendicular
recording drives. This enhancement allows data transfers between Conventional and Perpendicular drives
without having to issue Perpendicular mode commands between the accesses of the different drive types,
nor having to change write pre-compensation values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com