Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 37 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 33Page - Analog Devices AD9925BBCZRL Datasheet HTML 34Page - Analog Devices AD9925BBCZRL Datasheet HTML 35Page - Analog Devices AD9925BBCZRL Datasheet HTML 36Page - Analog Devices AD9925BBCZRL Datasheet HTML 37Page - Analog Devices AD9925BBCZRL Datasheet HTML 38Page - Analog Devices AD9925BBCZRL Datasheet HTML 39Page - Analog Devices AD9925BBCZRL Datasheet HTML 40Page - Analog Devices AD9925BBCZRL Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
AD9925
Rev. A | Page 37 of 96
VD
SUBCK
NOTES
1. SECOND SUBCK PULSE IS ADDED IN THE LAST SUBCK LINE.
2. LOCATION OF SECOND PULSE IS FULLY PROGRAMMABLE USING THE SUBCK2 TOGGLE POSITION REGISTER.
XSG
HD
tEXP
tEXP
Figure 46. High Precision Shutter Mode
RAMMING T
SPEED EXP
DOFF REGIS
XSG
TRIGGER
EXPOSURE
VD
SUBCK
NOTES
1. SUBCK MAY BE SUPPRESSED FOR MULTIPLE FIELDS BY PROG
2. ABOVE EXAMPLE USES EXPOSURE = 1.
3. TRIGGER REGISTER MUST ALSO BE USED TO START THE LOW
4. VD/HD OUTPUTS MAY ALSO BE SUPPRESSED USING THE VDH
HE EXPOSURE REGISTER GREATER THAN ZERO.
OSURE.
TER = 1.
tEXP
Using EXPOSURE Register
Figure 47. Low Speed Sh
Table 19. Shutter MODE Register Parameters
Register
Length
Range
D
utter Mode
escription
TRIGGER
5 b
On/Off for Five Signals
Trigger for VSUB [0], MSHUT [1], STROBE [2],
Exposure [3], and Readout Start [4]
READOUT
3 b
0 to 7 Number of Fields
Number of Fields to Suppress SUBCK after Exposure
EXPOSURE
12 b
0 to 4095 Number of Fields
Number of Fields to Suppress to SUBCK and VSG
during Exposure Time (Low Speed Shutter)
VDHDOFF
1 b
On/Off
Disable VD/HD Output during Exposure (1 = On, 0 = Off)
SUBCKPOL1
1 b
High/Low
SUBCK Start Polarity for SUBCK1 and SUBCK2
SUBCK1TOG1
24 b
0 to 4095 Pixel Loca
BCK Pulse (Normal Shutter)
tions
Toggle Positions for First SU
SUBCK2TOG1
24 b
0 to 4095 Pixel Locations
Toggle Positions for Second SUBCK Pulse in Last Line (High Precision)
SUBCKNUM1
12 b
1 to 4095 Number of Pulses
Total Number of SUBCKs per Field, at 1 Pulse per Line
SUBCKSUPPRESS1
12 b
0 to 4095 Number of Pulses
Number of Lines to Further Suppress SUBCK after the VSG Line
1 Register is not VD upda
t is up
tart of the line after the
ted, bu
dated at the s
sensor gate line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com