Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 76 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 72Page - Analog Devices AD9925BBCZRL Datasheet HTML 73Page - Analog Devices AD9925BBCZRL Datasheet HTML 74Page - Analog Devices AD9925BBCZRL Datasheet HTML 75Page - Analog Devices AD9925BBCZRL Datasheet HTML 76Page - Analog Devices AD9925BBCZRL Datasheet HTML 77Page - Analog Devices AD9925BBCZRL Datasheet HTML 78Page - Analog Devices AD9925BBCZRL Datasheet HTML 79Page - Analog Devices AD9925BBCZRL Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
AD9925
Rev. A | Page 76 of 96
e
n
Table 58. Vertical Sequence 0 (VSEQ0) Register Map
Address
Data Bit Content
Default Value
Register Nam
Register Descriptio
80
[1:0]
[2]
[3]
[7:4]
[9:8]
[11:10]
[12]
[23:12]
X
X
X
X
X
X
X
HBLKMASK_0
CLPOBPOL_0
PBLKPOL_0
VPATSEL_0
VMASK_
HBLKALT_
HDLEN13_0
UNUSED
0
0
].
.
.
.
E
).
.
s.
.
Masking Polarity during HBLK. H1 [0], H3 [1
CLPOB Start Polarity
PBLK Start Polarity
Selected Vertical Pattern Group for Vertical Sequence 0
Enable Masking of Vertical Outputs (Specified by FREEZE/RESUM
Registers
Enable HBLK Alternation
13th Bit for HD Length Counter Allows HD Length up to 8191 Pixel
Unused
81
[11:0]
[23:12]
X
X
VPATREPO_0
VPATREPE_0
Number of Selected Vertical Pattern Group Repetitions for Odd Lines.
Number of Selected Vertical Pattern Group Repetitions for Even
Lines.
82
RT_0
Group.
Sequence 0.
[11:0]
[23:12]
X
X
VPATSTA
HDLEN_0
Start Position in the Line for the Selected Vertical Pattern
HD Line Length (Number of Pixels) for Vertical
83
.
.
[11:0]
[23:12]
X
X
PBLKTOG1_0
PBLKTOG2_0
PBLK Toggle Position 1 for Vertical Sequence 0
PBLK Toggle Position 2 for Vertical Sequence 0
84
0.
.
[11:0]
[23:12]
X
X
HBLKTOG1_0
HBLKTOG2_0
HBLK Toggle Position 1 for Vertical Sequence
HBLK Toggle Position 2 for Vertical Sequence 0
85
0.
.
[11:0]
[23:12]
X
X
HBLKTOG3_0
HBLKTOG4_0
HBLK Toggle Position 3 for Vertical Sequence
HBLK Toggle Position 4 for Vertical Sequence 0
86
.
[11:0]
[23:12]
X
X
HBLKTOG5_0
HBLKTOG6_0
HBLK Toggle Position 5 for Vertical Sequence 0
HBLK Toggle Position 6 for Vertical Sequence 0.
87
[23:12]
X
CLPOBTOG2_0
.
CLPOB Toggle Position 2 for Vertical Sequence 0.
[11:0]
X
CLPOBTOG1_0
CLPOB Toggle Position 1 for Vertical Sequence 0
Table 59. Vertical Sequence 1
e
ress
it Content
fault Value
e
(VSEQ1) Regist r Map
Add
Data B
De
Register Nam
Register Description
88
X
1
_1
T_1
ring HBLK. H1 [0], H3 [1].
ity.
cal Outputs (Specified by FREEZE/RESUME
HBLK Alternation.
[1:0]
[2]
[3]
[7:4]
[9:8]
[11:10]
[12]
[23:12]
X
X
X
X
X
X
HBLKMASK_
CLPOBPOL
PBLKPOL_1
VPATSEL_1
VMASK_1
HBLKAL
HDLEN13_1
UNUSED
Masking Polarity du
CLPOB Start Polar
PBLK Start Polarity.
Selected Vertical Pattern Group for Vertical Sequence 1.
Enable Masking of Verti
Registers).
Enable
13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels.
Unused.
89
[11:0]
[23:12]
X
X
VPATREPO_1
VPATREPE_1
Lines.
n Lines.
Number of Selected Vertical Pattern Group Repetitions for Odd
Number of Selected Vertical Pattern Group Repetitions for Eve
8A
[11:0]
[23:12]
X
X
VPATSTART_
HDLEN_1
1
cal Pattern Group.
Sequence 1.
Start Position in the Line for the Selected Verti
HD Line Length (Number of Pixels) for Vertical
8B
[11:0]|
[23:12]
X
X
PBLKTOG1_1
PBLKTOG2_1
.
.
PBLK Toggle Position 1 for Vertical Sequence 1
PBLK Toggle Position 2 for Vertical Sequence 1
8C
[11:0]
[23:12]
X
X
HBLKTOG1_1
HBLKTOG2_1
.
.
HBLK Toggle Position 1 for Vertical Sequence 1
HBLK Toggle Position 2 for Vertical Sequence 1
8D
[11:0]
[23:12]
X
X
HBLKTOG3_1
HBLKTOG4_1
.
HBLK Toggle Position 3 for Vertical Sequence 1
HBLK Toggle Position 4 for Vertical Sequence 1.
8E
[11:0]
[23:12]
X
X
HBLKTOG5_1
HBLKTOG6_1
HBLK Toggle Position 5 for Vertical Sequence 1.
HBLK Toggle Position 6 for Vertical Sequence 1.
8F
[11:0]
[23:12]
X
X
CLPOBTOG1_1
CLPOBTOG2_1
CLPOB Toggle Position 1 for Vertical Sequence 1.
CLPOB Toggle Position 2 for Vertical Sequence 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com