Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 61 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 57Page - Analog Devices AD9925BBCZRL Datasheet HTML 58Page - Analog Devices AD9925BBCZRL Datasheet HTML 59Page - Analog Devices AD9925BBCZRL Datasheet HTML 60Page - Analog Devices AD9925BBCZRL Datasheet HTML 61Page - Analog Devices AD9925BBCZRL Datasheet HTML 62Page - Analog Devices AD9925BBCZRL Datasheet HTML 63Page - Analog Devices AD9925BBCZRL Datasheet HTML 64Page - Analog Devices AD9925BBCZRL Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
AD9925
Rev. A | Page 61 of 96
2
s
iffe
nding
he particular reg
. Table 36 summ
four differe
pes of register u
tes:
1.
SCK U
ted
: Some of the registers in Bank 1
d
as soo
h data bit
) is written. T
ters, sh
gray in the B
egister list, a
functi
o not requi
ng with the n
bounda
as power-up
eset functions. T
select r
Addr 0x7F i
k 1 and Bank
SCK u
.
VD U
ost of the r
ank 1,
field r
s in Bank 2, ar
dated at the nex
edge. B
dating these val
at the next VD
current field will not be corrupted, and the new register
values will be applied to the next field. Bank 1 register up-
VD falling edge by
r
is
VD up
o any HD line
e field. Note th
2
field registers are not affected by the UPDATE register.
3.
SG Line Updated
: A few of the registers in Bank 1 are up-
f the SG active line, at the HD falling
he SUBCK signal, so that the
te until after the SG line has
ers are crosshatched in the
d Bank 3, all of the vertical
equence registers (Addr 0x00
ing Addr 0×7F) are updated at
ill be used. For example, in
cted Region 1 to use Vertical
outputs. This means that a write
done to the same register, the last one done before SCP1
will be the one that is updated. Likewise, register writes to
any Vertical Sequence 5 registers will be updated at SCP2,
o any Vertical Sequence 8 registers will
le 36. R
r Update Loca
ns
Update Type
Register Bank
Description
Updating New Register Values
The AD99 5’s internal register are updated at d
rent times,
depe
on t
nt ty
pda
ister
pda
arizes the
are update
n as the 24t
(D23
hese regis-
aded in
ons that d
ank 1 r
re gati
re used for
ext VD
ry, such
egister (
and r
n Ban
he bank
2) is also
pdated
pdated
: M
2.
egisters in B
as well as the
egister
y up
e up
ues
t VD falling
edge, the
dates may be further delayed past the
using the UPDATE registe (Addr 0x19). Th will delay
dates t
in th
at the Bank
dated at the end o
edge. These registers control t
SUBCK output will not upda
been completed. These regist
Bank 1 register list.
4.
SCP Updated
: In Bank 2 an
pattern group and vertical s
through Addr 0xCF, exclud
the next SCP, where they w
Figure 77, this field has sele
Sequence 3 for the vertical
to any of the Vertical Sequence 3 registers, or any of the ver-
tical pattern group registers that are referenced by Vertical
Sequence 3, will be updated at SCP1. If multiple writes are
and register writes t
be updated at SCP3.
Tab
egiste
tio
SCK Update
Bank 1 Only
Register is immediately updated
d
when the 24th data bit (D23) is clocked in.
VD Update
Bank 1, Bank
Register is updated at the VD falli
by using the UP
Addr 0x19 in Ba
e
UPDATE reg
d
2
ng edge. VD updated registers in Bank 1 may be delayed further
DATE register at
ister.
nk 1. Bank 2 updates will not be affected by th
SG Line Up
Bank 1 Only
Register is u
HD falli
ine.
dated
pdated at the
ng edge at the end of the SG active l
SCP Update
Bank 2, Bank
Register is u
e next SC
sed.
d
3
pdated at th
P when the register will be u
VD
REGION 0
HD
SCP 1
REGION 1
SCP 2
N 3
SCP 3
REGION 2
REGIO
XSG
SGLINE
SCP 0
SERIAL
WRITE
SCK
UPDATED
SCP 0
VD
UPDAT
S
UPD
ED
SG
UPDATED
CP
ATED
XV1 TO XV6
USE VSEQ2
USE VSEQ3
USE VSEQ5
USE VSEQ8
Figure 77. R
tions (
egister Update Loca
See Table 40 for Definitions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com