Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 55 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 51Page - Analog Devices AD9925BBCZRL Datasheet HTML 52Page - Analog Devices AD9925BBCZRL Datasheet HTML 53Page - Analog Devices AD9925BBCZRL Datasheet HTML 54Page - Analog Devices AD9925BBCZRL Datasheet HTML 55Page - Analog Devices AD9925BBCZRL Datasheet HTML 56Page - Analog Devices AD9925BBCZRL Datasheet HTML 57Page - Analog Devices AD9925BBCZRL Datasheet HTML 58Page - Analog Devices AD9925BBCZRL Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
AD9925
Rev. A | Page 55 of 96
STANDBY MODE OPERATION
The AD9925 contains three different standby modes to optimize
the overall power dissipation in a particular application. Bits [1:0]
of the OPRMODE register control the power-down state of the
device:
OPRMODE[1:0] = 00 = Normal Operation (Full Power)
OPRMODE[1:0] = 01 = Standby 1 Mode
OPRMODE[1:0] = 10 = Standby 2 Mode
OPRMODE[1:0] = 11 = Standby 3 Mode (Lowest Overall Power)
Table 34 and Table 35 summarize the operation of each power-
down mode. Note that the OUT_CONTROL register takes
priority over the standby 1 and standby 2 modes in determining
the digital output states, but the standby 3 mode takes priority
over OUT_CONTROL. Standby 3 mode has the lowest power
consumption and even shuts down the crystal oscillator circuit
between CLI and CLO. Thus, if CLI and CLO are being used
with a crystal to generate the master clock, this circuit will be
powered down and there will be no clock signal. When return-
ing from standby 3 mode to normal operation, the timing core
must be reset at least 500 µs after the OPRMODE register is
written to. This will allow sufficient time for the crystal circuit
to settle.
The XV and shutter outputs can also be programmed to hold a
specific value during any of the standby modes, as detailed in
Table 35.
Table 34. Standby Mode Operation
I/O Block
Standby 3 (Default)1, 2
OUT_CONT= LO2
Standby 23, 4
Standby 13, 4
AFE
Off
No Change
Off
Off
Timing Core
Off
No Change
Off
Off
CLO Oscillator
Off
No Change
On
On
CLO
High
Running
Running
Running
H1
Hi-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H2
Hi-Z
High
High (4.3 mA)
High (4.3 mA)
H3
Hi-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H4
Hi-Z
High
High (4.3 mA)
High (4.3 mA)
RG
Hi-Z
Low
Low (4.3 mA)
Low (4.3 mA)
VD
Low
VDHDPOL Value
VDHDPOL Value
Undefined in Master Mode
HD
Low
VDHDPOL Value
VDHDPOL Value
Undefined in Master Mode
DCLK
Low
Low
Low
Running if DCLK MODE =1
DOUT
Low
Low
Low
Low
1 To exit standby 3 mode, first write a 00 to OPRMODE[1:0], then reset the timing core after ~500 µs to guarantee proper settling of the oscillator.
2 Standby 3 mode takes priority over OUT_CONTROL for determining the output polarities.
3 These polarities assume OUT_CONT = High., because OUT_CONTROL = Low takes priority over standby 1 and standby 2 modes.
4 Standby 1 and standby 2 modes will set H and RG drive strength to minimum value (4.3 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com