Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 59 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 55Page - Analog Devices AD9925BBCZRL Datasheet HTML 56Page - Analog Devices AD9925BBCZRL Datasheet HTML 57Page - Analog Devices AD9925BBCZRL Datasheet HTML 58Page - Analog Devices AD9925BBCZRL Datasheet HTML 59Page - Analog Devices AD9925BBCZRL Datasheet HTML 60Page - Analog Devices AD9925BBCZRL Datasheet HTML 61Page - Analog Devices AD9925BBCZRL Datasheet HTML 62Page - Analog Devices AD9925BBCZRL Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
AD9925
Rev. A | Page 59 of 96
he 8-bit address and 24-bit data-
h
to
-bit op
s required, as
own in Figure 7
y regis
ewer than 24
wide, all 24 bi
ten for
egister. For exa
, if the registe
wide, t
upper 14 bits
on’t Cares an
lled with 0s during the serial write operation. If fewer than 24
dated with new data.
Figure 75 shows a more efficient way to write to the registers,
using the AD9925’s address automatic increment capability.
written first,
followed by multiple 24-bit data-words. Each new 24-bit data-
ally be written to the next highest register
ch 8-bit address,
us write operations
th any register location and may be used
ny as the entire
SERIAL INTERFACE TIMING
All of the internal registers of the AD9925 are accessed through
a 3-wire serial interface. Each register consists of an 8-bit address
Using this method, the lowest desired address is
and a 24-bit data-word. Both t
word are written starting with t e LSB. To write
each register,
a 32
eration i
sh
4. Although
man
ters are f
bits
ts must be
writ
each r
mple
r is only 10
bits
hen the
are D
d may be
fi
bits are written, the register will not be up
word will automatic
address. By eliminating the need to write ea
gister loading is achieved. Continuo
faster re
may be used starting wi
to write to as few as two registers or to as ma
register space.
SDATA
A0
A1
A4
A5
D1
D
A2
A6
A7
D0
2
D3
D21
D22
D23
SCK
SL
A3
tLS
tDS
8-BIT ADDRESS
1
2
4
5
6
9
10
24-BIT DATA
32
11
12
30
31
3
7
8
tLH
tDH
NOTES
1. SDATA BITS
LATCHED ON SCK
AY
2. ALL 32 BITS
T BE WRITTEN: 8 BI
2
4. NEW DATA V
ES ARE UPDATED IN
IST
PARTICULAR
GISTER WRITTEN TO
UP
3. IF THE REGISTER LENGTH IS < 24 BIT
BIT
74. Serial Wr
on
ARE
MUS
RISING EDGES. SCK M
TS FOR ADDRESS AND
IDLE HIGH OR LOW IN BETWEEN WRITE OPERATIONS.
4 BITS FOR DATA.
ALU
THE SPECIFIED REG
S, THEN DON’T CARE
ER LOCATION AT DIFFERENT TIMES, DEPENDING ON THE
S MUST BE USED TO COMPLETE THE 24-BIT DATA LENGTH.
RE
. SEE THE REGISTER
DATES SECTION FOR MORE INFORMATION.
Figure
ite Operati
SDATA
A0
A1
A2
A4
A5
A6
A7
D0
D1
D22
D23
SCK
SL
A3
NOTES
1.
3. THE ADDRESS WILL AUTOMATICALLY INCREMENT WITH EACH 24-BIT DATA-WORD (ALL 24 BITS MUST BE WRITTEN).
4.
MULTIPLE SEQUE
L REGISTERS MAY B
UOU
2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN,
SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN L
NTIA
E LOADED CONTIN
SLY.
FOLLOWED BY MULTIPLE 24-BIT DATA-WORDS.
OADED.
D0
D1
D22
D23
D0
DATA FOR S
EGISTER A
DATA FOR NEXT
REGISTER ADDRESS
1
2345
6
7
TARTING
R
DDRESS
D2
D1
32
31
34
33
56
55
58
57
59
8
9
10
erial Write O
Figure 75. Continuous S
peration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com