Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9925BBCZRL Datasheet(PDF) 70 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 70 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 66Page - Analog Devices AD9925BBCZRL Datasheet HTML 67Page - Analog Devices AD9925BBCZRL Datasheet HTML 68Page - Analog Devices AD9925BBCZRL Datasheet HTML 69Page - Analog Devices AD9925BBCZRL Datasheet HTML 70Page - Analog Devices AD9925BBCZRL Datasheet HTML 71Page - Analog Devices AD9925BBCZRL Datasheet HTML 72Page - Analog Devices AD9925BBCZRL Datasheet HTML 73Page - Analog Devices AD9925BBCZRL Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
AD9925
Rev. A | Page 70 of 96
Table 51. Vertical Pattern Group 4 (VPAT4) Register Map
Address
Data Bit Content
Default Value
Register Name
Register Description
30
[5:0]
[11:6]
[23:12]
X
X
X
VPOL_4
UNUSED
VPATLEN_4
VPAT4 Start Polarity. XV1[0], XV2[1], XV3[2], XV4[3], XV5[4], XV6[5].
Unused .
Total Length of VPAT4. Note: If using VPAT4 as a second vertical
sequence in the VSG active line, this value is the start position for
the second vertical sequence.
31
[11:0]
[23:12]
X
X
XV1TOG1_4
XV1TOG2_4
XV1 Toggle Position 1.
XV1 Toggle Position 2.
32
[11:0]
[23:12]
X
X
XV1TOG3_4
XV2TOG1_4
XV1 Toggle Position 3.
XV2 Toggle Position 1.
33
[11:0]
[23:12]
X
X
XV2TOG2_4
XV2TOG3_4
XV2 Toggle Position 2.
XV2 Toggle Position 3.
34
[11:0]
[23:12]
X
X
XV3TOG1_4
XV3TOG2_4
XV3 Toggle Position 1.
XV3 Toggle Position 2.
35
[11:0]
[23:12]
X
X
XV3TOG3_4
XV4TOG1_4
XV3 Toggle Position 3.
XV4 Toggle Position 1.
36
[11:0]
[23:12]
X
X
XV4TOG2_4
XV4TOG3_4
XV4 Toggle Position 2.
XV4 Toggle Position 3.
37
[11:0]
[23:12]
X
X
XV5TOG1_4
XV5TOG2_4
XV5 Toggle Position 1.
XV5 Toggle Position 2.
38
[11:0]
[23:12]
X
X
XV5TOG3_4
XV6TOG1_4
XV5 Toggle Position 3.
XV6 Toggle Position 1.
39
[11:0]
[23:12]
X
X
XV6TOG2_4
XV6TOG3_4
XV6 Toggle Position 2.
XV6 Toggle Position 3.
3A
[11:0]
[23:12]
X
X
FREEZE1_4
RESUME1_4
XV1 to XV6 Freeze Position 1.
XV1 to XV6 Resume Position 1.
3B
[11:0]
[23:12]
X
X
FREEZE2_4
RESUME2_4
XV1 to XV6 Freeze Position 2.
XV1 to XV6 Resume Position 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com