| Electronic Components Datasheet Search |
|
AD9925BBCZRL Datasheet(PDF) 80 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9925BBCZRL Datasheet(HTML) 80 Page - Analog Devices |
|
80 / 96 page ![]() AD9925 Rev. A | Page 80 of 96 Table 66. Vertical Sequence 8 (VSEQ8) Register Map Address Data Bit Content Default Value Register Name Register Description C0 [1:0] [2] [3] [7:4] [9:8] [11:10] [12] [23:12] X X X X X X X HBLKMASK_8 CLPOBPOL_8 PBLKPOL_8 VPATSEL_8 VMASK_8 HBLKALT_8 HDLEN13_8 UNUSED Masking Polarity during HBLK. H1 [0], H3 [1]. CLPOB Start Polarity. PBLK Start Polarity. Selected Vertical Pattern Group for Vertical Sequence 8. Enable Masking of Vertical Outputs (Specified by FREEZE/RESUME Registers). Enable HBLK Alternation. 13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels. Unused. C1 [11:0] [23:12] X X VPATREPO_8 VPATREPE_8 Number of Selected Vertical Pattern Group Repetitions for Odd Lines. Number of Selected Vertical Pattern Group Repetitions for Even Lines. C2 [11:0] [23:12] X X VPATSTART_8 HDLEN_8 Start Position in the Line for the Selected Vertical Pattern Group. HD Line Length (Number of Pixels) for Vertical Sequence 8. C3 [11:0] [23:12] X X PBLKTOG1_8 PBLKTOG2_8 PBLK Toggle Position 1 for Vertical Sequence 8. PBLK Toggle Position 2 for Vertical Sequence 8. C4 [11:0] [23:12] X X HBLKTOG1_8 HBLKTOG2_8 HBLK Toggle Position 1 for Vertical Sequence 8. HBLK Toggle Position 2 for Vertical Sequence 8. C5 [11:0] [23:12] X X HBLKTOG3_8 HBLKTOG4_8 HBLK Toggle Position 3 for Vertical Sequence 8. HBLK Toggle Position 4 for Vertical Sequence 8. C6 [11:0] [23:12] X X HBLKTOG5_8 HBLKTOG6_8 HBLK Toggle Position 5 for Vertical Sequence 8. HBLK Toggle Position 6 for Vertical Sequence 8. C7 [11:0] [23:12] X X CLPOBTOG1_8 CLPOBTOG2_8 CLPOB Toggle Position 1 for Vertical Sequence 8. CLPOB Toggle Position 2 for Vertical Sequence 8. Table 67. Vertical Sequence 9 (VSEQ9) Register Map Address Data Bit Content Default Value Register Name Register Description C8 [1:0] [2] [3] [7:4] [9:8] [11:10] [12] [23:12] X X X X X X X HBLKMASK_9 CLPOBPOL_9 PBLKPOL_9 VPATSEL_9 VMASK_9 HBLKALT_9 HDLEN13_9 UNUSED Masking Polarity during HBLK. H1 [0], H3 [1]. CLPOB Start Polarity. PBLK Start Polarity. Selected Vertical Pattern Group for Vertical Sequence 9. Enable Masking of Vertical Outputs (Specified by FREEZE/RESUME registers). Enable HBLK Alternation. 13th Bit for HD Length Counter Allows HD Length up to 8191 Pixels. Unused. C9 [11:0] [23:12] X X VPATREPO_9 VPATREPE_9 Number of Selected Vertical Pattern Group Repetitions for Odd Lines. Number of Selected Vertical Pattern Group Repetitions for Even Lines. CA [11:0] [23:12] X X VPATSTART_9 HDLEN_9 Start Position in the Line for the Selected Vertical Pattern Group. HD Line Length (Number of Pixels) for Vertical Sequence 9. CB [11:0] [23:12] X X PBLKTOG1_9 PBLKTOG2_9 PBLK Toggle Position 1 for Vertical Sequence 9. PBLK Toggle Position 2 for Vertical Sequence 9. CC [11:0] [23:12] X X HBLKTOG1_9 HBLKTOG2_9 HBLK Toggle Position 1 for Vertical Sequence 9. HBLK Toggle Position 2 for Vertical Sequence 9. CD [11:0] [23:12] X X HBLKTOG3_9 HBLKTOG4_9 HBLK Toggle Position 3 for Vertical Sequence 9. HBLK Toggle Position 4 for Vertical Sequence 9. CE [11:0] [23:12] X X HBLKTOG5_9 HBLKTOG6_9 HBLK Toggle Position 5 for Vertical Sequence 9. HBLK Toggle Position 6 for Vertical Sequence 9. CF [11:0] [23:12] X X CLPOBTOG1_9 CLPOBTOG2_9 CLPOB Toggle Position 1 for Vertical Sequence 9. CLPOB Toggle Position 2 for Vertical Sequence 9. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |