Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet (PDF) - ON Semiconductor

FQP8N60C. Datasheet PDF - ON Semiconductor
Part # FQP8N60C.
Download  FQP8N60C. Download
File Size   1457.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ

FQP8N60C. Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP8N60C. Datasheet PDF - ON Semiconductor

Part # FQP8N60C.
Download  FQP8N60C. Click to download

File Size   1457.37 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ

FQP8N60C. Datasheet (HTML) - ON Semiconductor


FQP8N60C. Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to mini-mize on-state resistance, provide superior switching perfor-mance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high effi-ciency switched mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology.

Features
• 9.5 A, 600 V, RDS(on) = 730 mΩ (Max.) @ VGS = 10 V, ID = 4.75 A
• Low Gate Charge (Typ. 44 nC)
• Low Crss (Typ. 18 pF)
• 100% Avalanche Tested




Similar Part No. - FQP8N60C.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N60C FAIRCHILD-FQP8N60C Datasheet
927Kb / 10P
600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQP8N60C KERSEMI-FQP8N60C Datasheet
1Mb / 9P
600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP8N60C FAIRCHILD-FQP8N60C Datasheet
1Mb / 10P
600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP8N60C ISC-FQP8N60C Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
2023-10-11
logo
ON Semiconductor
FQP8N60C ONSEMI-FQP8N60C Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 7.5 A, 1.2 Ω
April 2014 Rev. C0
More results


Similar Description - FQP8N60C.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
ON Semiconductor
FCPF190N60-F152 ONSEMI-FCPF190N60-F152 Datasheet
1Mb / 10P
N-Channel SuperFET® II MOSFET 600 V, 20.2 A, 199 mΩ
September-2017, Rev. 3
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
logo
Nexperia B.V. All right...
BUK7M9R5-40H NEXPERIA-BUK7M9R5-40H Datasheet
287Kb / 11P
N-channel 40 V, 9.5 mΩ standard level MOSFET in LFPAK33
5 February 2019
BUK9M9R5-40H NEXPERIA-BUK9M9R5-40H Datasheet
288Kb / 11P
N-channel 40 V, 9.5 mΩ logic level MOSFET in LFPAK33
29 January 2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com