Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 3 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 3 Page - ON Semiconductor

  FQP8N60C. Datasheet HTML 1Page - ON Semiconductor FQP8N60C. Datasheet HTML 2Page - ON Semiconductor FQP8N60C. Datasheet HTML 3Page - ON Semiconductor FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.fairchildsemi.com
2
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
TO-220
Tube
N/A
N/A
50 units
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted.
NOTES:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. L = 14.2 mH, IAS = 9.5 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 9.5 A, di/dt ≤ 200 A/µs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.
TO-220F
Tube
N/A
N/A
50 units
FQP10N60C
FQPF10N60C
FQP10N60C
FQPF10N60C
TO-220F
Tube
N/A
N/A
50 units
FQPF10N60CT
FQPF10N60CT
TO-220F
Tube
N/A
N/A
50 units
FQPF10N60C_F105
FQPF10N60C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
600
--
--
V
∆
BVDSS
/ ∆
TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.7
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 600 V, VGS = 0 V
--
--
1
µ
A
VDS = 480 V, TC = 125°C
--
--
10
µ
A
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4.75 A
--
0.6
0.73
Ω
gFS
Forward Transconductance
VDS = 40 V, ID = 4.75 A
--
8.0
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1570
2040
pF
Coss
Output Capacitance
--
166
215
pF
Crss
Reverse Transfer Capacitance
--
18
24
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300 V, ID = 9.5A,
RG = 25 Ω
(Note 4)
--
23
55
ns
tr
Turn-On Rise Time
--
69
150
ns
td(off)
Turn-Off Delay Time
--
144
300
ns
tf
Turn-Off Fall Time
--
77
165
ns
Qg
Total Gate Charge
VDS = 480 V, ID = 9.5A,
VGS = 10 V
(Note 4)
--
44
57
nC
Qgs
Gate-Source Charge
--
6.7
--
nC
Qgd
Gate-Drain Charge
--
18.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
9.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
38
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 9.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9.5 A,
dIF / dt = 100 A/µs
--
420
--
ns
Qrr
Reverse Recovery Charge
--
4.2
--
µ
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com