Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 8 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor FQP8N60C. Datasheet HTML 10Page - ON Semiconductor FQP8N60C. Datasheet HTML 11Page - ON Semiconductor FQP8N60C. Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.fairchildsemi.com
7
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
••
DUT
DUT
V
VDS
DS
++
__
Driv
Driver
er
R
RGG
Sam
Samee TTyyppee
as
as DUT
DUT
V
VGS
GS
•• ddvv//dt
dt ccoont
ntrroolllleedd bbyy R
RGG
IISD
SD c
con
onttrrol
ollled
ed by
by pu
pullssee pe
perriiod
od
V
VDD
DD
LLL
II SD
SD
10
10V
V
VVGS
GS
(( Driv
Driver
er ))
II SD
SD
(( DUT
DUT ))
VVDS
DS
(( DUT
DUT ))
V
VDD
DD
Bo
Body
dy D
Diiooddee
For
Forw
ward
ard V
Vol
olttag
agee Dr
Drop
op
V
VSD
SD
IIFM
FM ,, Bo
Body
dy Di
Diod
odee FFoorrw
waarrdd C
Cuurr
rren
entt
IIRM
RM
Bo
Body
dy D
Diiod
odee R
Reevveerrssee C
Cuurrrren
entt
Bo
Body
dy Di
Diod
odee R
Reecov
coveerryy dv
dv/d
/dtt
di
di/d
/dtt
D
D
D === ------
Gate
Gate
Gate
---------
---------
---------
P
P
Pul
ul
ulsss
--------
--------
--------
eee W
W
Wiiiddd
-----
-----
-----
ttthhh
Ga
Ga
Gate
te
te Pu
Pu
Pulllssseee Pe
Pe
Perrriiiod
od
od
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com