Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 7 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FQP8N60C. Datasheet HTML 3Page - ON Semiconductor FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor FQP8N60C. Datasheet HTML 10Page - ON Semiconductor FQP8N60C. Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.fairchildsemi.com
6
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
V
VGS
GS
V
VDS
DS
10
10%
%
90%
90%
tt
d(
d(on
on))
tt
rr
tt onon
tt ofofff
tt
d(
d(ooffff))
ttff
V
VDD
DD
V
VDS
DS
R
RLL
DU
DUTT
R
RGG
V
VGS
GS
Cha
Charrge
ge
V
VGS
GS
Q
Qgg
Q
Qgsgs
Q
Qgd
gd
V
VGS
GS
DU
DUTT
V
VDS
DS
300n
300nFF
50K
50KΩ
Ω
200n
200nFF
12V
12V
Sam
Samee TTyype
pe
as
as DU
DUTT
===
E
E
EAS
AS
AS
--
--
--
--
2
1
2
1
2
1
2
1-------- LLL
AS
AS
AS
III
BV
BVDSS
DSS
222
--------------------
--------------------
BV
BVDS
DSS
S -V
-VDD
DD
V
VDD
DD
V
VDS
DS
BV
BVDS
DSS
S
tt pp
V
VDD
DD
IIAS
AS
V
VDS
DS (t)
(t)
IIDD (t)
(t)
Ti
Tim
mee
DUT
DUT
R
RGG
LLL
III DDD
tt pp
IG = const.
V
VGS
GS
V
VGS
GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com