Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 4 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 4 Page - ON Semiconductor

  FQP8N60C. Datasheet HTML 1Page - ON Semiconductor FQP8N60C. Datasheet HTML 2Page - ON Semiconductor FQP8N60C. Datasheet HTML 3Page - ON Semiconductor FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
3
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
Bottom :
4.5 V
* Notes :
1. 250µs Pulse Test
2. T
C
= 25°C
V
DS
, Drain-Source Voltage [V]
4
2
8
10
10
-1
10
0
10
1
150°C
25°C
-55°C
* Notes :
1. V
DS
= 40V
2. 250µs Pulse Test
6
V
GS
, Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150°C
* Notes :
1. V
GS
= 0V
2. 250µs Pulse Test
25°C
V
SD
, Source-Drain voltage [V]
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
V
GS
= 20V
V
GS
= 10V
* Note : T
J
= 25°C
I
D
, Drain Current [A]
10
-1
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
* Notes ;
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS
, Drain-Source Voltage [V]
0
10
2030
0
4
50
0
2
4
6
8
10
12
V
DS
= 300V
V
DS
= 120V
V
DS
= 480V
* Note : I
D
= 9.5A
Q
G
, Total Gate Charge [nC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com