Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 10 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor FQP8N60C. Datasheet HTML 10Page - ON Semiconductor FQP8N60C. Datasheet HTML 11Page - ON Semiconductor FQP8N60C. Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Mechanical Dimensions
Figure 17. TO220, Molded, 3-Lead, Full Pack, EIAJ SC91, Straight Lead
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TF220-003
www.fairchildsemi.com
9
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com