Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 6 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FQP8N60C. Datasheet HTML 2Page - ON Semiconductor FQP8N60C. Datasheet HTML 3Page - ON Semiconductor FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor FQP8N60C. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Continued)
www.fairchildsemi.com
5
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
Figure 11-1. Transient Thermal Response Curve for FQP10N60C
Figure 11-2. Transient Thermal Response Curve for FQPF10N60C
10
-5
10
-4
10
0
10
1
10
-2
10
-1
10
0
* N o t e s :
1 . Z
θ JC (t ) = 0 . 8 ° C/ W
M a x .
2 . D u ty F a c t o r , D = t
1
/t
2
3 . T
JM
-
=
T
C
P
DM
* Z
θ JC (t )
sin g l e p u lse
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 0 1
10
-3
10
-2
10
-1
t
1
, S q uar e W av e P uls e D ur at ion [ s ec ]
t1
PDM
t2
10
-5
10
-4
10
0
10
1
10
-2
10
-1
10
0
* N o t e s :
1 . Z
θ JC (t ) = 2 . 5 ° C/ W
M a x .
2 . D u ty F a c to r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t )
s ing le pu ls e
D= 0 .5
0. 02
0. 2
0.05
0.1
0. 01
10
-3
10
-2
10
-1
t
1
, S q u a r e W a v e P u ls e D u r a tio n [s e c ]
t1
PDM
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com