Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP8N60C. Datasheet(PDF) 2 Page - ON Semiconductor

Part # FQP8N60C.
Description  N-Channel QFET® MOSFET 600 V, 9.5 A, 730 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQP8N60C. Datasheet(HTML) 2 Page - ON Semiconductor

  FQP8N60C. Datasheet HTML 1Page - ON Semiconductor FQP8N60C. Datasheet HTML 2Page - ON Semiconductor FQP8N60C. Datasheet HTML 3Page - ON Semiconductor FQP8N60C. Datasheet HTML 4Page - ON Semiconductor FQP8N60C. Datasheet HTML 5Page - ON Semiconductor FQP8N60C. Datasheet HTML 6Page - ON Semiconductor FQP8N60C. Datasheet HTML 7Page - ON Semiconductor FQP8N60C. Datasheet HTML 8Page - ON Semiconductor FQP8N60C. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
November 2013
©2003 Fairchild Semiconductor Corporation
FQP10N60C / FQPF10N60C Rev C1
www.fairchildsemi.com
1
FQP10N60C / FQPF10N60C
N-Channel QFET® MOSFET
600 V, 9.5 A, 730 mΩ
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology. This advanced technology has
been especially tailored to mini-mize on-state resistance,
provide superior switching perfor-mance, and withstand high
energy pulse in the avalanche and commutation mode.
These devices are well suited for high effi-ciency switched
mode power supplies, active power factor correction,
electronic lamp ballasts based on half bridge topology.
Features
• 9.5 A, 600 V, RDS(on) = 730 mΩ (Max.) @ VGS = 10 V,
ID = 4.75 A
• Low Gate Charge (Typ. 44 nC)
• Low Crss (Typ. 18 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
TO-220
GDS
TO-220F
GD
S
G
S
D
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP10N60C FQPF10N60C
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
9.5
9.5 *
A
- Continuous (TC = 100°C)
5.7
5.7 *
A
IDM
Drain Current
- Pulsed
(Note 1)
38
38 *
A
VGSS
Gate-Source Voltage
±
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
700
mJ
IAR
Avalanche Current
(Note 1)
9.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
156
50
W
- Derate above 25°C
1.25
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP10N60C FQPF10N60C
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.8
2.5
°C/W
RθCS
Thermal Resistance, Case-to-Sink, Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com