Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet (PDF) - Bridgelux, Inc.

DS312 Datasheet PDF - Bridgelux, Inc.
Part # DS312
Download  DS312 Download
File Size   2643.31 Kbytes
Page   22 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description SMD 2835 0.5W 3V Thrive™

DS312 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS312 Datasheet PDF - Bridgelux, Inc.

Part # DS312
Download  DS312 Click to download

File Size   2643.31 Kbytes
Page   22 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description SMD 2835 0.5W 3V Thrive™

DS312 Datasheet (HTML) - Bridgelux, Inc.


DS312 Product details

Features
Engineered spectra to closely match natural light
R1-R15>90,high CRI, Rf and Rg values
High efficiency full spectrum solution
No violet chip augmentation
Hot color targeted
Industry standard 2835 footprint
Broad product platform availability (SMDs and COBs)




Similar Part No. - DS312

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS3121 BRIDGELUX-DS3121 Datasheet
1Mb / 14P
BREAKABLE 1-ROW LED
03/2026
DS3123 BRIDGELUX-DS3123 Datasheet
979Kb / 13P
SMD5050
05/2026
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
DS31256+ MAXIM-DS31256+ Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
More results


Similar Description - DS312

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
logo
Broadcom Corporation.
ASMW-LA00 BOARDCOM-ASMW-LA00 Datasheet
897Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Silicon Supplies
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
logo
Cree, Inc
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
0.5W Power LED
logo
Cree, Inc
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Broadcom Corporation.
ASMW-LG00 BOARDCOM-ASMW-LG00 Datasheet
974Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Toppower Electronic Tec...
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com