Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 10 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 10 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Absolute Maximum Ratings
Table 5: Maximum Ratings
Parameter
Maximum Rating
LED Junction Temperature (T
j)
125°C
Storage Temperature
-40°C to +105°C
Operating Solder Point Temperature (T
Sp)
-40°C to +105°C
Soldering Temperature
260°C or lower for a maximum of 10 seconds
Maximum Drive Current
150mA
Maximum Peak Pulsed Forward Current1
300mA
Maximum Reverse Voltage2
-
Moisture Sensitivity Rating
MSL 3
Electrostatic Discharge
2kV HBM. JEDEC-JS-001-HBM and JEDEC-JS-001-2012
Notes for Table 5:
1. Bridgelux recommends a maximum duty cycle of 10% and pulse width of 10 ms when operating LED SMD at maximum peak pulsed current specified. Maxi-
mum peak pulsed current indicate values where LED SMD can be driven without catastrophic failures.
2. Light emitting diodes are not designed to be driven in reverse voltage and will not produce light under this condition. no rating is provided.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com