Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 13 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 13 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. DS312 Datasheet HTML 17Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Product Bin Definitions
Figure 8: C.I.E. 1931 Chromaticity Diagram ( Hot Color Targeted at T
sp=55°C)
A
B
D
C
3
0.3900
0.3950
0.4000
0.4050
0.4100
0.4150
0.4200
0.4250
0.4300
0.4400
0.4450
0.4500
0.4550
0.4600
0.4650
0.4700
0.4750
CIE_x
2700K
B
A
D
C
3
0.3800
0.3850
0.3900
0.3950
0.4000
0.4050
0.4100
0.4150
0.4200
0.4250
0.4150
0.4200
0.4250
0.4300
0.4350
0.4400
0.4450
0.4500
CIE_x
3000K
B
A
D
C
3
0.3700
0.3750
0.3800
0.3850
0.3900
0.3950
0.4000
0.4050
0.4100
0.4150
0.3900
0.3950
0.4000
0.4050
0.4100
0.4150
0.4200
0.4250
CIE_x
3500K
C
B
3
D
A
0.3550
0.3600
0.3650
0.3700
0.3750
0.3800
0.3850
0.3900
0.3950
0.4000
0.4050
0.3600
0.3650
0.3700
0.3750
0.3800
0.3850
0.3900
0.3950
0.4000
CIE_x
4000K
C
B
3
D
A
0.3350
0.3400
0.3450
0.3500
0.3550
0.3600
0.3650
0.3700
0.3750
0.3300
0.3350
0.3400
0.3450
0.3500
0.3550
0.3600
0.3650
CIE_x
5000K
C
B
3
D
A
0.3250
0.3300
0.3350
0.3400
0.3450
0.3500
0.3550
0.3600
0.3150
0.3200
0.3250
0.3300
0.3350
0.3400
CIE_x
5700K
C
B
3
D
A
0.3100
0.3150
0.3200
0.3250
0.3300
0.3350
0.3400
0.3450
0.3000
0.3050
0.3100
0.3150
0.3200
0.3250
CIE_x
6500K
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com