Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 17 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 17 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. DS312 Datasheet HTML 17Page - Bridgelux, Inc. DS312 Datasheet HTML 18Page - Bridgelux, Inc. DS312 Datasheet HTML 19Page - Bridgelux, Inc. DS312 Datasheet HTML 20Page - Bridgelux, Inc. DS312 Datasheet HTML 21Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Reliability
No .
Items
R而而而eference
Standard
Test Conditions
Drive
Current
Test
Duration
Units
Failed/Tested
1
Moisture/Reflow Sensitivity
J-STD-020E
T
sld = 260°C, 10sec,
Precondition: 60°C, 60%RH, 168hr
-
3 reflows
0/20
2
Low Temperature Storage
JESD22-A119
T
a=-40°C
-
1000 hours
0/20
3
High Temperature Storage
JESD22-A103D
T
a= 105°C
-
1000 hours
0/20
4
Low Temperature Operating Life
JESD22-A108D
T
a=-40°C
150mA
1000 hours
0/20
5
Temperature Humidity Operating
Life
JESD22-A101C
T
sp=85°C℃, RH=85%
150mA
1000 hours
0/20
6
High Temperature Operating Life
JESD22-A108D
T
sp=105°C
150mA
1000 hours
0/20
7
Power switching
IEC62717:2014
T
sp= 105°C
30 sec on, 30 sec off
150mA
30000 cycles
0/20
8
Thermal Shock
JESD22-A106B
T
a=-40°C ~100°C;
Dwell : 15min; Transfer: 10sec
-
200 cycles
0/20
9
Temperature Cycle
JESD22-A104E
T
a=-40°C ~100°C;
Dwell at extreme temperature:
15min; Ramp rate < 105°C/min
-
200 cycles
0/20
10
Electrostatic Discharge
JS-001-2012
HBM, 2KV, 1.5kΩ, 100pF,
Alternately positive or negative
-
-
0/20
Table 9: Reliability Test Items and Conditions
Passing Criteria
Item
Symbol
Test Condition
Passing Criteria
Forward Voltage
Vf
150mA
℃Vf<10%
Luminous Flux
Fv
150mA
℃Fv<30%
Chromaticity Coordinates
(x, y)
150mA
℃u’v’<0.007
Notes for Table 9:
1. Measurements are performed after allowing the LEDs to return to room temperature
2. T
sld : reflow soldering temperature; Ta : ambient temperature
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com