Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 14 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 14 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. DS312 Datasheet HTML 17Page - Bridgelux, Inc. DS312 Datasheet HTML 18Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Performance Curves
Note for Figures 9-13:
1. Pulse width modulation (PWM) is recommended for dimming effects.
2. Characteristics shown for warm white based on 2700K.
3. Characteristics shown for neutral white based on 4000K.
4. Characteristics shown for cool white based on 6500K.
5. For other color SKUs, the shift in color will vary. Please contact your
Bridgelux Sales Representative for more information .
Figure 9: Drive Current vs. Forward Voltage (T
sp=25°C)
Figure 10: Typical Relative Luminous Flux vs.
Forward Current (T
sp=25°C)
1
Figure 11: Typical Relative Flux vs. Solder Point
Temperature2,3,4,5
Figure 12: Typical ccx Shift vs. Solder Point Temperature2,3,4,5
Figure 13: Typical ccy Shift vs. Solder Point Temperature2,3,4,5
84%
86%
88%
90%
92%
94%
96%
98%
100%
0
25
50
75
100
125
Solder Point Temperature(℃)
warm white
neutral white
cool white
-0.006
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0
25
50
75
100
125
Solder Point Temperature(℃)
warm white
neutral white
cool white
-0.013
-0.011
-0.009
-0.007
-0.005
-0.003
-0.001
0
25
50
75
100
125
Solder Point Temperature(℃)
warm white
neutral white
cool white
15
30
45
60
75
90
105
120
135
150
2.8
2.9
2.9
3.0
3.0
3.1
3.1
Forward Voltage(V)
0%
25%
50%
75%
100%
10
30
50
70
90
110
130
150
Forward Current(mA)
10
30
50
70
90
110
130
150
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
Forward Voltage(V)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com