Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 11 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 11 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Product Bin Definitions
Table 6 lists the standard photometric luminous flux bins for Bridgelux SMD 2835 LEDs. Although several bins are listed,
product availability in a particular bin varies by production run and by product performance. Not all bins are available in
all CCTs.
Table 6: Luminous Flux Bin Definitions at 150mA, T
sp=25°C
Bin Code
Minimum
Maximum
Unit
Condition
29
45
≦50
lm
I
F=150mA
2A
50
55
2B
55
60
2C
60
65
Note for Table 6:
1. Bridgelux maintains a tolerance of ± 7.5% on luminous flux measurements
Table 7: Forward Voltage Bin Definition at 150mA, T
sp=25°C
Bin Code
Minimum
Maximum
Unit
Condition
B
2.9
3.0
V
I
F=150mA
C
3.0
3.1
D
3.1
3.2
E
3.2
3.3
Note for Table 7:
1. Bridgelux maintains a tolerance of ± 0.1V on forward voltage measurements.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com