Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 12 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 12 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Product Bin Definitions
8
Table 8: MacAdam Ellipse Color Bin Definitions
Notes for Table 8:
1. Color binning at T
sp=55°C unless otherwise specified
2. Bridgelux maintains a tolerance of ± 0.007 on x and y color coordinates in the CIE 1931 color space.
CCT
Color Space
Center Point
Major Axis
Minor Axis
Ellipse
Rotation Angle
Color Bin
X
Y
2700K
3 SDCM
0.4578
0.4101
0.0081
0.0042
53.70
3
6 SDCM
0.4578
0.4101
0.0162
0.0084
53.70
3/A/B/C/D
3000K
3 SDCM
0.4338
0.4030
0.00834
0.00408
53.22
3
6 SDCM
0.4338
0.4030
0.01668
0.00816
53.22
3/A/B/C/D
3500K
3 SDCM
0.4073
0.3917
0.00927
0.00414
54.00
3
6 SDCM
0.4073
0.3917
0.01854
0.00828
54.00
3/A/B/C/D
4000K
3 SDCM
0.3818
0.3797
0.00939
0.00402
53.72
3
6 SDCM
0.3818
0.3797
0.01878
0.00804
53.72
3/A/B/C/D
5000K
3 SDCM
0.3447
0.3553
0.00822
0.00354
59.62
3
6 SDCM
0.3447
0.3553
0.01644
0.00708
59.62
3/A/B/C/D
5700K
3 SDCM
0.3287
0.3417
0.00746
0.0032
59.09
3
6 SDCM
0.3287
0.3417
0.01492
0.0064
59.09
3/A/B/C/D
6500K
3 SDCM
0.3123
0.3282
0.00669
0.00285
58.57
3
6 SDCM
0.3123
0.3282
0.01338
0.0057
58.57
3/A/B/C/D
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com