Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 4 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 4 Page - Bridgelux, Inc.

  DS312 Datasheet HTML 1Page - Bridgelux, Inc. DS312 Datasheet HTML 2Page - Bridgelux, Inc. DS312 Datasheet HTML 3Page - Bridgelux, Inc. DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Product Feature Map
Cathode Mark
Yellow phosphor Light
Emitting Surface (LES)
Product Nomenclature
The part number designation for Bridgelux SMD 2835 is explained as follows:
1 2 3 4
5 6 7
8 9 10
11
12
13 14
15
16
Product Family
Color Bin Options
Flux Bins
Minimum CRI
Forward Voltage Bins
Nominal CCT
BXEN – 27 S – 1 1 M – 3 C – 00 – 0 – 0
Product Version
Mid Power
Die count in parallel
Typical Forward Voltage
Die count in series
Bridgelux SMD LED products come in industry standard package sizes and follow ANSI binning standards. These LEDs
are optimized for cost and performance, helping to ensure highly competitive system lumen per dollar performance while
addressing the stringent efficacy and reliability standards required for modern lighting applications.
Example :
27 = 2,700K
Example :
S = Thrive
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com