Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 6 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 6 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 2Page - Bridgelux, Inc. DS312 Datasheet HTML 3Page - Bridgelux, Inc. DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Note for Figure 1:
1. Color spectra measured reference by nominal current for T
sp = 55°C.
Spectral Matching to Natural Light
Humans have evolved and thrived for millions of years under the sun’s natural daylight. While discussions continue regarding the development of LED prod-
ucts with artificial spectra aimed at increasing productivity and focus or helping with relaxation, the long-term physiological effects of such altered environ-
ments on humans remains unknown.
Bridgelux Thrive is engineered to provide the closest match to natural light using proprietary chip, phosphor and packaging technology. Bridgelux is working
with our customers and industry partners to define new metrics to describe and quantify this spectral matching; going beyond today’s quality of light metrics
such as CRI and TM-30.
Spectrum Characteristics
Table 3: Typical Color Rendering Index and TM-30 Values, 150mA, T
sp=55°C
1
Nominal CCT1
R
f
R
g
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15
2700K
95
99
98
98
97
96
97
96
97
98
92
92
92
92
92
92
92
3000K
95
99
97
98
96
97
97
97
97
97
92
92
92
92
92
92
92
4000K
95
99
96
98
97
96
97
97
98
97
92
92
92
92
92
92
92
5000K
95
99
97
97
96
97
97
97
98
97
92
92
92
92
92
92
92
5700K
95
99
98
98
96
96
97
97
96
96
92
92
92
92
92
92
92
6500K
95
99
97
98
97
97
97
97
95
97
92
92
92
92
92
92
92
Note for Table 3:
1. Bridgelux maintains a tolerance of ± 3 on Color Rendering Index R1-R15 measurements and TM-30 measurements.
2. Rn reference by Nominal Drive Current will have deviations when changed drive current .
Figure 1: Typical Color Spectrum
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
2700K
3000K
4000K
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
5000K
5700K
6500K
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com