Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 3 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 3 Page - Bridgelux, Inc.

  DS312 Datasheet HTML 1Page - Bridgelux, Inc. DS312 Datasheet HTML 2Page - Bridgelux, Inc. DS312 Datasheet HTML 3Page - Bridgelux, Inc. DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Contents
Product Feature Map
2
Product Nomenclature
2
Product Selection Guide
3
Spectrum Characteristics
4
Electrical Characteristics
7
Absolute Maximum Ratings
8
Product Bin Definitions
9
Performance Curves
12
Typical Radiation Pattern
13
Mechanical Dimensions
14
Reliability
15
Reflow Characteristics
16
Packaging
17
Design Resources
19
Precautions
19
Disclaimers
19
About Bridgelux
20
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com