Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 5 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 5 Page - Bridgelux, Inc.

  DS312 Datasheet HTML 1Page - Bridgelux, Inc. DS312 Datasheet HTML 2Page - Bridgelux, Inc. DS312 Datasheet HTML 3Page - Bridgelux, Inc. DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
The following product configurations are available:
Table 1: Selection Guide, Pulsed Measurement Data at 150mA (T
j=Tsp=25°C)
Part Number1,6
Nominal
CCT2
(K)
CRI3, 5
(
Typical)
Nominal
Drive
Current
(mA)
Forward Voltage4, 5
(V)
Typical Pulsed Flux (lm)4, 5
Typical
Power
(W)
Typical
Efficacy
(lm/W)
Min
Typical
Max
Min
Typical
Max
BXEN-27S-11M-3C-00-0-0
2700
97
150
2.90
3.13
3.30
45
51
55
0.5
109
BXEN-30S-11M-3C-00-0-0
3000
97
150
2.90
3.13
3.30
45
53
60
0.5
113
BXEN-35S-11M-3C-00-0-0
3500
97
150
2.90
3.13
3.30
45
53
60
0.5
113
BXEN-40S-11M-3C-00-0-0
4000
97
150
2.90
3.13
3.30
50
56
65
0.5
119
BXEN-50S-11M-3C-00-0-0
5000
96.5
150
2.90
3.13
3.30
50
56
65
0.5
119
BXEN-57S-11M-3C-00-0-0
5700
96
150
2.90
3.13
3.30
50
56
65
0.5
119
BXEN-65S-11M-3C-00-0-0
6500
95.5
150
2.90
3.13
3.30
50
56
65
0.5
119
Table 2: Selection Guide, Pulsed Test Performance at 150mA (T
sp = 55°C)
7,8
Part Number1,6
Nominal
CCT2
(K)
CRI3, 5
(
Typical)
Nominal Drive
Current
(mA)
Forward Voltage5
(V)
Typical Pulsed Flux
(lm)5
Typical
Power
(W)
Typical
Efficacy
(lm/W)
Min
Typical
Max
Min
Typical
Max
BXEN-27S-11M-3C-00-0-0
2700
97
150
2.87
3.10
3.27
42.9
48.7
52.5
0.5
105
BXEN-30S-11M-3C-00-0-0
3000
97
150
2.87
3.10
3.27
42.9
50.6
57.2
0.5
109
BXEN-35S-11M-3C-00-0-0
3500
97
150
2.87
3.10
3.27
42.9
50.6
57.2
0.5
109
BXEN-40S-11M-3C-00-0-0
4000
97
150
2.87
3.10
3.27
47.7
53.4
62.0
0.5
115
BXEN-50S-11M-3C-00-0-0
5000
97
150
2.87
3.10
3.27
47.7
53.4
62.0
0.5
115
BXEN-57S-11M-3C-00-0-0
5700
97
150
2.87
3.10
3.27
47.7
53.4
62.0
0.5
115
BXEN-65S-11M-3C-00-0-0
6500
97
150
2.87
3.10
3.27
47.7
53.4
62.0
0.5
115
Notes for Tables 1 & 2:
1. The last 6 characters (including hyphens ‘-’) refer to flux bins, forward voltage bins, and color bin options, respectively. “00-0-0” denotes the full
distribution of flux, forward voltage, and color bin.
Example: BXEN-27S-11M-3C-00-0-0 refers to the full distribution of flux, forward voltage, and color within a 2700K 6-step ANSI standard
chromaticity region with a minimum of 95.5 CRI, 1x1 die configuration, mid power, 3.13V typical forward voltage.
2. Product CCT is hot targeted at T
sp = 55°C. Nominal CCT as defined by ANSI C78.377-2011.
3. Listed CRIs are typical values .
4. Products tested under pulsed condition (10ms pulse width) at nominal drive current
5. Bridgelux maintains a ±7.5% tolerance on luminous flux measurements, ±0.15V tolerance on forward voltage measurements, and ±3 tolerance on
CRI measurements for the SMD 2835.
6. Refer to Table 6 and Table 7 for Bridgelux SMD 2835 Luminous Flux Binning and Forward Voltage Binning information.
7. Typical pulsed test performance values are provided as reference only and are not a guarantee of performance.
8. Typical performance is estimated based on operation under pulsed current with LED emitter mounted onto a heat sink with thermal interface
material and the solder point temperature maintained at 55°C. Based on Bridgelux test setup, values may vary depending on the thermal design of the
luminaire and the exposed environment to which the product is subjected.
Product Selection Guide
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com