Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 15 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 15 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. DS312 Datasheet HTML 13Page - Bridgelux, Inc. DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. DS312 Datasheet HTML 17Page - Bridgelux, Inc. DS312 Datasheet HTML 18Page - Bridgelux, Inc. DS312 Datasheet HTML 19Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Typical Radiation Pattern
Figure 14: Typical Spatial Radiation Pattern at 150mA, T
sp=25°C
Figure 15: Typical Polar Radiation Pattern at 150mA, T
sp=25°C
Notes for Figure 14:
1. Typical viewing angle is 120⁰.
2. The viewing angle is defined as the off axis angle from the centerline where luminous intensity (Iv) is ½ of the peak value.
0%
20%
40%
60%
80%
100%
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Angular Displacement (⁰)
100
50
0
50
100
Relative Luminosity
-60°
-30°
0°
30°
60°
90°
-90°
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com