Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 18 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 18 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 14Page - Bridgelux, Inc. DS312 Datasheet HTML 15Page - Bridgelux, Inc. DS312 Datasheet HTML 16Page - Bridgelux, Inc. DS312 Datasheet HTML 17Page - Bridgelux, Inc. DS312 Datasheet HTML 18Page - Bridgelux, Inc. DS312 Datasheet HTML 19Page - Bridgelux, Inc. DS312 Datasheet HTML 20Page - Bridgelux, Inc. DS312 Datasheet HTML 21Page - Bridgelux, Inc. DS312 Datasheet HTML 22Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Figure 17 : Reflow Profile
Reflow Characteristics
Profile Feature
Lead Free Assembly
Temperature Min. (Ts_min)
160°C
Temperature Max. (Ts_max)
205°C
Time (ts) from Ts_min to Ts_max
60-150 seconds
Ramp-Up Rate (TL to Tp)
3 °C/second
Liquidus Temperature (TL)
220 °C
Time (TL) Maintained Above TL
60-150 seconds
Peak Temp( Tp)
260 °C max.
Time (Tp) Within 5 °C of the Specified Classification Temperature (Tc)
25 seconds max.
Ramp-Down Rate (Tp to TL)
5 °C/second max.
Time 25 °C to Peak Temperature
10 minutes max.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com