Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 1 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 1 Page - Bridgelux, Inc.

  DS312 Datasheet HTML 1Page - Bridgelux, Inc. DS312 Datasheet HTML 2Page - Bridgelux, Inc. DS312 Datasheet HTML 3Page - Bridgelux, Inc. DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Bridgelux SMD 2835 1W 9V Thrive Product Data Sheet DS310 Rev. A (08/2019)
1
Bridgelux® SMD 2835 0.5W 3V Thrive™
Product Data Sheet DS312


Similar Part No. - DS312

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS3121 BRIDGELUX-DS3121 Datasheet
1Mb / 14P
BREAKABLE 1-ROW LED
03/2026
DS3123 BRIDGELUX-DS3123 Datasheet
979Kb / 13P
SMD5050
05/2026
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
DS31256+ MAXIM-DS31256+ Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
More results

Similar Description - DS312

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
logo
Broadcom Corporation.
ASMW-LA00 BOARDCOM-ASMW-LA00 Datasheet
897Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Silicon Supplies
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
logo
Cree, Inc
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
logo
Elite Enterprises (H.K....
PP6N-FLXE ELITE-PP6N-FLXE Datasheet
924Kb / 20P
0.5W Power LED
logo
Cree, Inc
2835LED CREE-2835LED Datasheet
5Mb / 28P
J Series??2835 LEDs
logo
Broadcom Corporation.
ASMW-LG00 BOARDCOM-ASMW-LG00 Datasheet
974Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Toppower Electronic Tec...
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Bridgelux, Inc.
SMD2835 BRIDGELUX-SMD2835 Datasheet
1Mb / 23P
Bridgelux® SMD 2835 0.2W 3V
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com