Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS312 Datasheet(PDF) 8 Page - Bridgelux, Inc.

Part # DS312
Description  SMD 2835 0.5W 3V Thrive™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

DS312 Datasheet(HTML) 8 Page - Bridgelux, Inc.

Back Button DS312 Datasheet HTML 4Page - Bridgelux, Inc. DS312 Datasheet HTML 5Page - Bridgelux, Inc. DS312 Datasheet HTML 6Page - Bridgelux, Inc. DS312 Datasheet HTML 7Page - Bridgelux, Inc. DS312 Datasheet HTML 8Page - Bridgelux, Inc. DS312 Datasheet HTML 9Page - Bridgelux, Inc. DS312 Datasheet HTML 10Page - Bridgelux, Inc. DS312 Datasheet HTML 11Page - Bridgelux, Inc. DS312 Datasheet HTML 12Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Bridgelux SMD 2835 0.5W 3V Thrive Product Data Sheet DS312 Rev. E (07/2024)
Spectrum Characteristics
Figure 6: 5700K Thrive TM-30 Graphs
Figure 7: 6500K Thrive TM-30 Graphs
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
96
CCT
102
0.0011
Rg
Rf
5651 K
97
98
97
97
95
97
98
96
96
95
96
97
96
97
93
98
0
10
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Hue-Angle Bin (j)
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
96
CCT
100
0.0030
Rg
Rf
6646 K
97
98
97
97
95
97
98
96
96
95
96
97
96
97
93
98
0
10
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Hue-Angle Bin (j)
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
96
CCT
100
0.0032
Rg
Rf
5073 K
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
96
CCT
99
0.0013
Rg
Rf
3523 K
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
95
CCT
99
0.0014
Rg
Rf
4005 K
-20%
20%
1
2
3
4
5
16
6
7
8
9
10
15
11
12
13
14
Duv
95
CCT
99
0.0014
Rg
Rf
4005 K
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com