| Electronic Components Datasheet Search |
|
AS1112 Marking, AS1112-BQFT Datasheet(PDF) 3 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1112-BQFT Datasheet(HTML) 3 Page - ams-OSRAM AG |
|
3 / 21 page ![]() A S 111 2 1 6 - C h a n n e l L E D D r i v e r w i t h D o t C o r r e c t i o n a n d G r e y s c a l e P W M www.austriamicrosystems.com/LED-Driver-ICs/AS1112 Revision 1.13 1 - 19 D a ta s h e e t 1 General Description The AS1112 is a 16-channel, constant current-sink LED driver. Each of the 16 channels can be individually adjusted by 4096-step greyscale PWM brightness control and 64-step constant-current sink (dot correction). The dot correction circuitry adjusts the brightness variations between the AS1112 channels and other LED drivers. Greyscale control and dot correction circuitry are accessible via the SPI-compatible serial interface. A single external resistor sets the maximum current value of all 16 channels. The open & short LED detection function indicates a broken, shorted or disconnected LED at one or more of the outputs. The overtemper- ature flag indicates that the device is in an overtemperature condi- tion. An additional power-down pin puts the AS1112 into a 40nA standby- mode. The AS1112 is available in a 32-pin TQFN 5x5 mm package. Figure 1. AS1112 - Block Diagram 2 Key Features 16 Channels Greyscale PWM Control: 12-Bit (4096 Steps) Dot Correction: 6-Bit (64 Steps) Drive Capability (Constant-Current Sink): 0 to 100mA LED Power Supply Voltage: Up to 15V Supply Voltage Range: 3.0 to 5.5 V SPI-Compatible Serial Interface Controlled In-Rush Current Data Transfer & PWM Clock Rate: up to 30 MHz CMOS Level I/O Diagnostic Features - LED Open/Short Detection - Overtemperature Flag 32-pin TQFN 5x5 mm Package 3 Applications The device is ideal for mono-, multi-, and full-color LED displays, LED signboards, and display backlights. Table 1. Standard Products Model Power-Down TEST pin Output Delay AS1112 Yes Connect to GND Yes AS1112B No Connect to VCC Yes AS1112C No Connect to VCC No AS1112 Max OUTn Current 27 VCC Status Open LED Detect, Overtemperature Flag, Dot Correction Data Thermal Flag 22 XERR Open LED Detect 26 IREF 24 GSCLK 31 OEN 30 GND 23 SDO . . . Control 12-Bit Greyscale PWM Control Constant Current Driver Delay* x15 21 OUT15 6-Bit Dot Correction Dot Correction 90 Register 95 Greyscale 180 Register191 Control 12-Bit Greyscale PWM Control Constant Current Driver Delay* x0 Open&Short LED Detection 4 OUT0 6-Bit Dot Correction Dot Correction 0 Register 5 Greyscale 0 Register 11 Control 12-Bit Greyscale PWM Control Constant Current Driver Delay* x1 5 OUT1 6-Bit Dot Correction Dot Correction 6 Register 11 Greyscale 12 Register 23 . . . 32 LD Input Shift Register Input Shift Register 2 SDI 1 CLK Greyscale Counter Control VREF = 1.24V 29 PD 3 MODE Open&Short LED Detection Open&Short LED Detection * not for AS1112C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |