Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1112 Marking, AS1112-BQFT Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS1112-BQFT
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112-BQFT Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS1112-BQFT Datasheet HTML 13Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 14Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 15Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 16Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 17Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 18Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 19Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 20Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 21Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
15 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Serial Data Transfer Rate
Figure 17 shows a cascaded arrangement AS1112 devices connected to a controller, building a basic module of an LED display system.
Figure 17. Cascaded Configuration
The maximum number of cascading AS1112 devices depends on the application system and is in the range of 40 devices. The minimum fre-
quency needed can be calculated by the following equations:
Where:
fGSCLK is the minimum frequency needed for GSCLK;
fUPDATE is the update rate of whole cascaded system.
Where:
fCLK is the minimum frequency needed for CLK and SIN;
fUPDATE is the update rate of whole cascaded system;
n is the number of cascaded of AS1112 devices.
IREF
VCC
LD
GSCLK
MODE
OEN
SDO
AS1112
100nF
SDI
XERR
CLK
GND
VCC
...
LD
GSCLK
MODE
OEN
SDO
OUT15
OUT0
AS1112
SDI
XERR
CLK
...
...
SIN
XERR
CLK
LD
GSCLK
MODE
OEN
OUT15
OUT0
SOUT
6
VCC
100k
Ω
VLED
VLED
VLED
VLED
Controller
TEST
IREF
VCC
100nF
GND
VCC
TEST
fGSCLK = 4096 x fUPDATE
(EQ 5)
(EQ 6)
fCLK = 193 x fUPDATE x n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21