Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1112 Marking, AS1112-BQFT Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS1112-BQFT
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112-BQFT Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS1112-BQFT Datasheet HTML 4Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 5Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 6Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 7Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 8Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 9Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 10Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 11Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
6 - 19
AS1112
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Switching Characteristics
VCC = +3.0 to +5.5V, TAMB = -40 to +85ºC. Typical values are at TAMB = 25°C, VCC = 5V (unless otherwise specified).
Table 7. Switching Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tR0
Rise Time
SDO
8
ns
tR1
OUTn, DC = 3FHEX
20
tF0
Fall Time
SOUT
8
ns
tF1
OUTn, DC = 3FHEX
20
tPD0
Propagation Delay Time
CLK, SDO
1
1. See Figure 14 on page 13.
15
ns
tPD1
OEN, OUT0
2
2. See Figure 16 on page 14.
30
tPD2
OUTn, XERR
2
(includes error detection time, see
Figure 10 on page 10)
1000
tPD3
GSCLK, OUT0
2
30
tD
3
3. Only for AS1112 and AS1112B.
Average Output Delay Time
OUTn, OUTn+1
2, 3
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21