| Electronic Components Datasheet Search |
|
AS1112 Marking, AS1112-BQFT Datasheet(PDF) 5 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1112-BQFT Datasheet(HTML) 5 Page - ams-OSRAM AG |
|
5 / 21 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1112 Revision 1.13 3 - 19 AS1112 Datasheet - A b s o l u t e M a x i m u m R a t i n g s 5 Absolute Maximum Ratings Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Recommended Operating Conditions on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 3. Absolute Maximum Ratings Parameter Min Max Units Comments Electrical Parameters VCC to GND -0.3 6 V All other pins to GND -0.3 VCC + 0.3 V VOUT0 : VOUT15 to GND -0.3 15 V Output Current (DC) 110 mA Input Current (latch-up immunity) -100 100 mA Norm: JEDEC 78 Electrostatic Discharge Electrostatic Discharge HBM +/- 2 kV Norm: MIL 883 E method 3015 Thermal Information Junction to ambient thermal resistance 37 °C/W For more information about thermal metrics, see application note AN01 Thermal Characteristics. Temperature Ranges and Storage Conditions Junction Temperature +110 ºC Storage Temperature Range -55 +150 ºC Package Body Temperature +260 ºC The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD- 020“Moisture/Reflow Sensitivity Classification for Non- Hermetic Solid State Surface Mount Devices”. The lead finish for Pb-free leaded packages is matte tin (100% Sn). Humidity non-condensing 5 85 % Moisture Sensitive Level 3 Represents a max. floor life time of 168h |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |