Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1112 Marking, AS1112-BQFT Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1112-BQFT
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112-BQFT Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1112-BQFT Datasheet HTML 8Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 9Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 10Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 11Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 12Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 13Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 14Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 15Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
10 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 10. Error Detection Timing (GS=FFFFHEX, DC=3FHEX)
Note:
The rising edge of LD latches new data into the internal registers depending on the logic level of the pin MODE. If the pin MODE is tied
GND, the greyscale registers are updated. If the pin MODE is tied to VCC, the dot correction registers are updated.
Delay Between Outputs (only for AS1112 and AS1112B)
The AS1112 uses graduated delay circuits between OUTn outputs. These circuits are contained in the constant-current driver block of the
AS1112 (see Figure 1 on page 1). The average-delay time is 30ns (typ).
The maximum delay is 450ns (typ) from OUT0 to OUT15. The delay scheme works by switching on and switching off each output channel. Thus
the on/off time of each channel is the same regardless of the delay. These delays prevent large inrush currents and switching noise that can
reduce bypass capacitance when the outputs are switched on.
OUTn Enable
All OUTn channels can be collectively switched off with one signal. When OEN is set to 1, all OUTn channels are disabled, regardless of the
device logic operations. The greyscale counter is also reset when OEN is set to 1.
When OEN is set to 0, all OUTn channels are in normal operation.
Setting Maximum Channel Current
The maximum output current per channel is programmed by a single resistor, RIREF, which is placed between pin IREF and GND. The voltage
on pin IREF is set by an internal band gap VIREF (1.24V typ). The maximum channel current is equivalent to the current flowing through RIREF
multiplied by a factor of 31.5. The maximum output current is calculated as:
Where:
VIREF = 1.24V;
RIREF = User-selected external resistor.
Figure 7 on page 7 shows the maximum output current IOUT versus RIREF, where RIREF is the value of the resistor between IREF terminal to
GND, and IOUT is the constant output current of OUT0:OUT15.
Table 9. Pin OEN Truth Table
OEN
OUT0:OUT15
0
Normal Operation
1
Disabled
LD
OEN
GSCLK
SID
>1µs
LODn, LSDn
LODn+1, LSDn+1
Error
Detection
Start
Error
Detection
End
IMAX =
VIREF
RIREF
x 31.5
(EQ 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21