| Electronic Components Datasheet Search |
|
AS1112 Marking, AS1112-BQFT Datasheet(PDF) 15 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1112-BQFT Datasheet(HTML) 15 Page - ams-OSRAM AG |
|
15 / 21 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1112 Revision 1.13 13 - 19 AS1112 Datasheet - D e t a i l e d D e s c r i p t i o n Figure 14. Greyscale Data Input Timing Diagram Status Information Data (SID) The AS1112 contains an integrated status information register, which can be accessed in greyscale mode (MODE = GND). Once the LD signal latches the data into the greyscale register, the input shift register data is replaced with status information data (see Figure 15). Open, shorted LED, temperature warning and overtemperature flags as well as the dot-correction registers can be read out at pin SDO. The sta- tus information data packet is 192 bits wide. Bits 191:176 and 31:16 contain the open LED detection status of each channel (either 191:176 or 31:16 can be used for readout). Bit 175 contains the thermal error flag status. Bit 174 contains the temperature warning flag. Bits 167:72 contain the data of the dot-correction register. Bit 15:0 contains the LED shorted flags. The remaining bits are reserved. The complete status information data packet is shown in Figure 15. Figure 15. Status Information Data Packet Format Greyscale PWM Operation The falling edge of the OEN signal initiates a greyscale PWM cycle. The first GSCLK pulse after the falling edge of OEN increments the greyscale counter by one and switches on any OUTn whose greyscale value does not equal zero. Each subsequent rising edge of GSCLK incre- ments the greyscale counter by one. The AS1112 compares the greyscale value of each OUTn channel with the greyscale counter value. All OUTn whose greyscale values equal the counter values are switched off. A OEN = 1 signal after 4096 GSCLK pulses resets the greyscale counter to zero and completes a greyscale PWM cycle (see Figure 16). DCn-1 MSB DCn-1 MSB-1 x x SIDn MSB SIDn MSB-1 SIDn MSB-2 SIDn LSB GSn LSB GSn MSB DCn-1 LSB GSn+1 MSB GSn+1 LSB MODE LD SDI CLK SDO 1st Greyscale Mode Data Input Cycle After Dot Correction Input Following Greyscale Mode Data Input Cycle Dot Correction Mode Data Input Cycle tSU3 tH2 tWH2 tSU1 tSU2 tH3 96 1 192 1 192 x SIDn MSB tH0 tPD0 LSD X DC0. DC15. X TWF TEF LOD0 LOD15 LSB DC Values ... ... ... Open LED Detect Data Overtemperature Flag MSB 191 176 175 168 167 72 71 0:15 Bit # Description Bit # Description 0:15 LED Short Detection, LSD 168:173 Undefined 16:31 LED Open Detection (Optional, same as bits 176:191), LOD 174 Temperature Warning Flag (TWF, 125ºC, typ) 32:71 Undefined 175 Temperature Error Flag (TEF, 150ºC, typ) 72:167 Dot Correction Readback (16 x 6 Bit) 176:191 LED Open Detection, LOD 16:31 LOD 174 ... |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |