Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1112 Marking, AS1112-BQFT Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1112-BQFT
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112-BQFT Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1112-BQFT Datasheet HTML 6Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 7Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 8Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 9Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 10Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 11Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 12Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 13Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
8 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
9 Detailed Description
Serial Interface
The AS1112 features a serial interface (CLK, SDI, SDO, LD, OEN and MODE), which can be connected to microcontrollers or digital signal pro-
cessors in various configurations.
The rising edge of the CLK signal shifts data from pin SDI to the internal register. After all data is clocked in, the serial data is latched into the
internal registers at the rising edge of the LD signal.
Note:
All data is clocked in with the MSB first.
Multiple AS1112 devices can be cascaded by connecting the SDO pin of one device with pin SDI of the next device (see Figure 17 on page 15).
The SDO pin can also be connected to the microcontroller to receive status information from the AS1112. The serial data format is 96-bit or 192-
bit wide, depending on mode of the device (see LD on page 2).
Figure 9. Serial Data Input Timing Diagram
Error Information Output
The open-drain output pin XERR indicates if the device is in one of the two error conditions: overtemperature flag or open LED detect. During
normal operation, the internal transistor connected to pin XERR is turned off and the voltage on XERR is pulled up to VCC through an external
pullup resistor.
If an overtemperature or open LED condition is detected, the internal transistor is switched on, and XERR is pulled to GND. Because XERR is an
open-drain output, multiple AS1112 devices can be ORed together and pulled up to VCC with a single pullup resistor (see Figure 17 on page 15).
This reduces the number of signals needed to report a system error.
To differentiate the overtemperature flag from the open LED detect flag from pin XERR, the open LED detect flag can be masked out by setting
OEN = 1 (see Table 8).
DCn
MSB
GSn
MSB
DCn-1
MSB-1
DCn-1
LSB
DCn
MSB
X
X
DCn
LSB
SID
MSB
X
DCn-1
MSB-1
DCn+1
MSB
GSn
LSB
MODE
SDI
CLK
SDO
LD
Dot Correction Mode
Data Input Cycle
Greyscale Mode
Data Input Cycle
Dot Correction Mode
Data Input Cycle
tH3
tSU3
tH3
tH2
tSU2
tSU2
96
1
1
192
1
2
DCn-1
LSB
DCn-1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21