Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1112 Marking, AS1112-BQFT Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS1112-BQFT
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112-BQFT Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS1112-BQFT Datasheet HTML 9Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 10Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 11Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 12Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 13Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 14Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 15Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 16Page - ams-OSRAM AG AS1112-BQFT Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
11 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Power Dissipation
To ensure proper operation of the device, the total power dissipation of the AS1112 must be below the power dissipation rating of the device
package. Total power dissipation is calculated as:
Where:
VCC is the device supply voltage;
ICC is the device supply current;
VOUT is the device OUTn voltage when driving LED current;
IMAX is the LED current adjusted by RIREF;
DCn is the maximum dot correction value for OUTn;
n is the number of OUTn driving LED at the same time;
dPWM is the duty cycle defined by pin OEN or the greyscale PWM value.
Operating Modes
The AS1112 operates in two modes (see Table 10). Greyscale operating mode (see Figure 14 on page 13) and the shift registers are in reset
state at power-up.
Setting Dot Correction
The AS1112 can perform independent fine-adjustments to the output current of each channel, i.e., dot correction. Dot correction is used to adjust
brightness deviations of LEDs connected to the output channels (OUT0:OUT15).
The device powers up with the following default seetings: DC = 63 and GS = 4095.
The 16 channels can be individually programmed with a 6-bit word. The channel output can be adjusted in 64 steps from 0 to 100% of the maxi-
mum output current (IMAX). The output current for each OUTn channel can be calculated as:
Where:
IMAX is the maximum programmable output current for each output;
DCn is the programmed dot correction value for output (DCn = 0 to 63);
n = 0 to 15
Dot correction data are simultaneously entered for all channels. The complete dot correction data format consists of 16 x 6-bit words, which
forms a 96-bit serial data packet (see Figure 11). Channel data is put on one by one, and the data is clocked in with the MSB first.
Figure 11. Dot Correction Data Packet Format
Table 10. Operating Modes
Mode
Input Shift Register
Operating Mode
0
192-bit
Greyscale PWM Mode
1
96-bit
Dot Correction Data Input Mode
PD = (VCC x ICC) + (VOUT x IMAX x n x
DCn
63
(EQ 2)
dPWM)
IOUTn = IMAX x
DCn
63
(EQ 3)
DC0.0
DC0.5
DC1.0
DC14.5
DC15.0
DC15.5
LSB
DC OUT0
DC OUT14:DC OUT1
...
...
...
DC OUT15
MSB
95
90
89
6
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21